Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT573 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74ACT573
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT573 Datasheet(HTML) 4 Page - STMicroelectronics

  74ACT573 Datasheet HTML 1Page - STMicroelectronics 74ACT573 Datasheet HTML 2Page - STMicroelectronics 74ACT573 Datasheet HTML 3Page - STMicroelectronics 74ACT573 Datasheet HTML 4Page - STMicroelectronics 74ACT573 Datasheet HTML 5Page - STMicroelectronics 74ACT573 Datasheet HTML 6Page - STMicroelectronics 74ACT573 Datasheet HTML 7Page - STMicroelectronics 74ACT573 Datasheet HTML 8Page - STMicroelectronics 74ACT573 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74ACT573
4/11
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
VO = 0.1 V or
VCC-0.1V
2.0
1.5
2.0
2.0
V
5.5
2.0
1.5
2.0
2.0
VIL
Low Level Input
Voltage
4.5
VO = 0.1 V or
VCC-0.1V
1.5
0.8
0.8
0.8
5.5
1.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
4.5
IO=-24 mA
3.86
3.76
3.7
V
5.5
IO=-24 mA
4.86
4.76
4.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.001
0.1
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
0.1
4.5
IO=24 mA
0.36
0.44
0.5
5.5
IO=24 mA
0.36
0.44
0.5
II
Input Leakage Cur-
rent
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakege
Current
5.5
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 5
µA
ICCT
Max ICC/Input
5.5
VI = VCC - 2.1V
0.6
1.5
1.6
mA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
80
µA
IOLD
Dynamic Output
Current (note 1, 2)
5.5
VOLD = 1.65 V max
75
50
mA
IOHD
VOHD = 3.85 V min
-75
-50
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time LE to Q
5.0(*)
5.0
10.0
12.0
12.0
ns
tPLH tPHL Propagation Delay
Time D to Q
5.0(*)
5.0
10.0
12.0
12.0
ns
tPZL tPZH Output Enable
Time
5.0(*)
5.5
10.0
12.0
12.0
ns
tPLZ tPHZ Output Disable
Time
5.0(*)
6.5
11.0
12.0
12.0
ns
tW
Minimum Pulse
Width HIGH LE
5.0(*)
1.0
3.0
4.0
4.0
ns
ts
Setup Time D to
LE, HIGH or LOW
5.0(*)
0.0
2.0
3.0
3.0
ns
th
Hold Time D to LE,
HIGH or LOW
5.0(*)
0.0
2.0
3.0
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com