Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCW Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCW
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCW Datasheet(HTML) 2 Page - jb Capacitors Company

  JCW Datasheet HTML 1Page - jb Capacitors Company JCW Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY COEFFICIENT
Frequency
120Hz
1kHz
10kHz
100kHz
Coefficient
1.00
1.60
1.80
2.00
STANDARD SIZE
WV
6.3
10
16
25
35
50
μF
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
10
--
--
--
--
--
--
--
--
--
--
--
--
6.3x7.7
0.14
31
--
--
--
22
--
--
--
--
--
--
--
--
--
--
--
--
6.3x7.7
0.14
43
--
--
--
33
--
--
--
--
--
--
--
--
--
6.3x7.7
0.16
48
--
--
--
8x10.2
0.14
79
47
--
--
--
--
--
--
6.3x7.7
0.26
50
--
--
--
8x10.2
0.14
90
8x10.2
0.14
95
100
6.3x7.7
0.32
60
--
--
--
--
--
--
8x10.2
0.16
119
8x10.2
0.14
132
10x10.2
0.14
155
220
--
--
--
8x10.2
0.28
145
8x10.2
0.26
159
--
--
--
10x10.2
0.14
220
--
--
--
330
8x10.2
0.32
165
--
--
--
8x10.2
0.26
194
--
--
--
--
--
--
--
--
--
470
8x10.2
0.32
196
--
--
--
10x10.2
0.26
260
--
--
--
--
--
--
--
--
--
1000
10x10.2
0.32
315
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
WV
160
200
250
400
450
μF
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
DxL
Tan
δ
mA
1
6.3x10.2
0.20
20
6.3x10.2
0.24
17
8x10.2
0.24
20
2.2
6.3x10.2
0.20
31
8x10.2
0.24
30
10x10.2
0.24
35
3.3
8x10.2
0.20
43
10x10.2
0.24
39
10x10.2
0.24
38
4.7
8x10.2
0.20
53
8x10.2
0.20
52
10x10.2
0.24
56
10x10.2
0.24
59
5.6
8x10.2
0.20
58
8x12.5
0.20
62
10x10.2
0.24
66
12.5x13.5
0.24
75
6.8
8x10.2
0.20
68
8x10.2
0.20
64
10x10.2
0.20
72
12.5x13.5
0.24
72
8.2
10x10.2
0.20
85
8x12.5
0.20
77
10x12.5
0.20
85
10
10x10.2
0.20
95
12.5x13.5
0.20
110
12.5x13.5
0.20
110
12
10x10.2
0.20
104
12.5x13.5
0.20
125
12.5x13.5
0.20
120
15
12.5x13.5
0.20
140
12.5x13.5
0.20
140
Rated ripple current (mA, 105
℃, 120Hz)
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCW
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com