Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5337 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5337
Description  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337 Datasheet(HTML) 2 Page - Analog Devices

  AD5337 Datasheet HTML 1Page - Analog Devices AD5337 Datasheet HTML 2Page - Analog Devices AD5337 Datasheet HTML 3Page - Analog Devices AD5337 Datasheet HTML 4Page - Analog Devices AD5337 Datasheet HTML 5Page - Analog Devices AD5337 Datasheet HTML 6Page - Analog Devices AD5337 Datasheet HTML 7Page - Analog Devices AD5337 Datasheet HTML 8Page - Analog Devices AD5337 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Specifications..................................................................................... 3
AC Characteristics........................................................................ 5
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Terminology ...................................................................................... 9
Typical Performance Characteristics ........................................... 11
Functional Description .................................................................. 15
Digital-to-Analog Converter Section ...................................... 15
Resistor String ............................................................................. 15
DAC Reference Inputs ............................................................... 15
Output Amplifier........................................................................ 15
Power-on Reset ........................................................................... 15
Serial Interface ............................................................................ 15
Write Operation.......................................................................... 17
Read Operation........................................................................... 18
Double-Buffered Interface ........................................................ 19
Power-Down Modes .................................................................. 19
Applications..................................................................................... 20
Typical Application Circuit....................................................... 20
Bipolar Operation....................................................................... 20
Multiple Devices on One Bus ................................................... 20
Product as a Digitally Programmable Window Detector ..... 21
Coarse and Fine Adjustment Capabilities............................... 21
Power Supply Decoupling ......................................................... 21
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
10/04—Changed Data Sheet from Rev. 0 to Rev. A
Updated Format..................................................................Universal
Added AD5338-1................................................................Universal
Changes to Specifications ................................................................ 4
Updated Outline Dimensions ....................................................... 24
Changes to Ordering Guide .......................................................... 24
11/03—Rev. 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com