Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSHD-A103 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LSHD-A103
Description  LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-A103 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LSHD-A103 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 5Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 6Page - Lite-On Technology Corporation LSHD-A103 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2/6
Part No. : LSHD-A103
BNS-OD-FC002/A4
LED DISPLAY
LSHD-A103
1. Description
The LSHD-A103 is a 0.3 inch (7.62 mm) digit height single-digit display. This device uses AlInGaP RED LED chips (AlInGaP
epi on GaAs substrate). The display has light gray face and white segments.
1.1 Features
0.3 inch (7.62 mm) DIGIT HEIGHT
CONTINUOUS UNIFORM SEGMENTS
LOW POWER REQUIREMENT
EXCELLENT CHARACTERS APPEARANCE
HIGH BRIGHTNESS & HIGH CONTRAST
WIDE VIEWING ANGLE
SOLID STATE RELIABILITY
CATEGORIZED FOR LUMINOUS INTENSITY.
LEAD-FREE PACKAGE(ACCORDING TO ROHS)
1.2 Device
Part No
Description
AlInGaP RED
Common Cathode
Rt. Hand Decimal
LSHD-A103



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com