Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M07 Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTPL-M07
Description  Specific Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M07 Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTPL-M07 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M07 Datasheet HTML 17Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
12/18
Part No. : M07 CoB Product Series
BNS-OD-FC002/A4
LIGHT LED
M07 CoB Product Series
 80 Series Lumen Bin
Lumen (lm)
3000K
5700K
6500K
Bin
Range
Bin
Range
Bin
Range
GH
8430~9100
HI
9100~9820
HI
9100~9820
HI
9100~9820
IJ
9820~10600
IJ
9820~10600
IJ
9820~10600
JK
10600~11440
JK
10600~11440
JK
10600~11440
KL
11440~12350
KL
11440~12350
KL
11440~12350
LM
12350~13330
LM
12350~13330
 Forward Voltage Binning Parameter (25decgC)
Parameter
Bin
Symbol
Min
Max
Unit
Condition
Forward Voltage
V1
VF
33.6
42
V
IF=Typical current
Note: Full Rank on Label
Example: V1/CE/D1
Forward Voltage Rank
Luminous Flux Rank
Color Rank
V1
CE
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com