Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL73A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 2CL73A
Description  Ultrafast Recovery High Voltage Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2CL73A Datasheet(HTML) 2 Page - Diotec Semiconductor

  2CL73A Datasheet HTML 1Page - Diotec Semiconductor 2CL73A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL73A
Characteristics
Kennwerte
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 10 mA
VF
< 45 V
Leakage current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 2 µA
Reverse recovery time
Sperrverzug
IF = 2 mA through/über
IR = 4 mA to IR = 1 mA
trr
< 80 ns
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – umgebende
RthA
< 60 K/W 1)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
1
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
[°C]
T
A
150
100
50
0
[mA]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V]
100
60
40
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com