Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARM Datasheet(PDF) 2 Page - Analog Devices

Part # AD8221ARM
Description  Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARM Datasheet(HTML) 2 Page - Analog Devices

  AD8221ARM Datasheet HTML 1Page - Analog Devices AD8221ARM Datasheet HTML 2Page - Analog Devices AD8221ARM Datasheet HTML 3Page - Analog Devices AD8221ARM Datasheet HTML 4Page - Analog Devices AD8221ARM Datasheet HTML 5Page - Analog Devices AD8221ARM Datasheet HTML 6Page - Analog Devices AD8221ARM Datasheet HTML 7Page - Analog Devices AD8221ARM Datasheet HTML 8Page - Analog Devices AD8221ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8221
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 13
Gain Selection ............................................................................. 14
Layout........................................................................................... 14
Reference Terminal .................................................................... 15
Power Supply Regulation and Bypassing ................................ 15
Input Bias Current Return Path................................................ 15
Input Protection ......................................................................... 15
RF Interference ........................................................................... 16
Precision Strain Gage................................................................. 16
Conditioning ±10 V Signals for a +5 V Differential Input
ADC ............................................................................................. 17
AC-Coupled Instrumentation Amplifier ................................ 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
Revision A
11/03—Data Sheet Changed from Rev. 0 to Rev. A
Change
Page
Changes to Features...............................................................................1
Changes to Specifications section .......................................................4
Change to Theory of Operation section...........................................13
Change to Gain Selection section......................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com