Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJ100-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5273BRJ100-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ100-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5273BRJ100-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5273
–19–
DIGITAL POTENTIOMETER FAMILY SELECTION GUIDE
*
Number
Terminal
Interface
Nominal
Resolution
Power Supply
Part
of VRs per
Voltage
Data
Resistance
(No. of Wiper
Current
Number
Package
Range (V) Control
(k )
Positions)
(IDD) ( A)
Packages
Comments
AD5201
1
±3, 5.5
3-wire
10, 50
33
40
MSOP-10
Full AC Specs, Dual
Supply, Power-On-Reset,
Low Cost
AD5220
1
5.5
UP/DOWN
10, 50, 100
128
40
PDIP, SOIC-8,
No Rollover,
MSOP-8
Power-On-Reset
AD7376
1
±15, 28
3-wire
10, 50, 100,
128
100
PDIP-14,
Single 28 V or Dual
1000
SOIC-16,
±15 V Supply Operation
TSSOP-14
AD5200
1
±3, 5.5
3-wire
10, 50
256
40
MSOP-10
Full AC Specs, Dual
Supply, Power-On-Reset
AD8400
1
5.5
3-wire
1, 10, 50, 100 256
5
SOIC-8
Full AC Specs
AD5260
1
±5, 15
3-wire
20, 50, 200
256
60
TSSOP-14
5 V to 15 V or ±5 V
Operation,TC < 50 ppm/°C
AD5280
1
±5, 15
2-wire
20, 50, 200
256
60
TSSOP-14
5 V to 15 V or ±5 V
Operation,TC < 50 ppm/°C
AD5241
1
±3, 5.5
2-wire
10, 100, 1000 256
50
SOIC-14,
I
2C Compatible,
TSSOP-14
TC < 50 ppm/°C
AD5231
1
±2.75, 5.5
3-wire
10, 50, 100
1024
20
TSSOP-16
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5222
2
±3, 5.5
UP/DOWN
10, 50, 100,
128
80
SOIC-14,
No Rollover, Stereo,
1000
TSSOP-14
Power-On-Reset,
TC < 50 ppm/°C
AD8402
2
5.5
3-wire
1, 10, 50, 100 256
5
PDIP, SOIC-14, Full AC Specs, nA
TSSOP-14
Shutdown Current
AD5207
2
±3, 5.5
3-wire
10, 50, 100
256
40
TSSOP-14
Full AC Specs, Dual
Supply, Power-On-Reset,
SDO
AD5232
2
±2.75, 5.5
3-wire
10, 50, 100
256
20
TSSOP-16
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5235
2
±2.75, 5.5
3-wire
25, 250
1024
20
TSSOP-16
Nonvolatile Memory,
Direct Program,
TC < 50 ppm/°C
AD5242
2
±3, 5.5
2-wire
10, 100, 1000 256
50
SOIC-16,
I
2C Compatible,
TSSOP-16
TC < 50 ppm/°C
AD5262
2
±5, 15
3-wire
20, 50, 200
256
60
TSSOP-16
5 V to 15 V or ±5 V
Operation,TC < 50 ppm/°C
AD5282
2
±5, 15
3-wire
20, 50, 200
256
60
TSSOP-16
5 V to 15 V or ±5 V
Operation,TC < 50 ppm/°C
AD5203
4
5.5
3-wire
10, 100
64
5
PDIP, SOIC-24, Full AC Specs, nA
TSSOP-24
Shutdown Current
AD5233
4
±2.75, 5.5
3-wire
10, 50, 100
64
20
TSSOP-24
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5204
4
±3, 5.5
3-wire
10, 50, 100
256
60
PDIP, SOIC-24, Full AC Specs, Dual
TSSOP-24
Supply, Power-On-Reset
AD8403
4
5.5
3-wire
1, 10, 50, 100 256
5
PDIP, SOIC-24, Full AC Specs, nA
TSSOP-24
Shutdown Current
AD5206
6
±3, 5.5
3-wire
10, 50, 100
256
60
PDIP, SOIC-24, Full AC Specs, Dual
TSSOP-24
Supply, Power-On-Reset
*For the most current information on digital potentiometers, check the website at: www.analog.com/digitalpotentiometers
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com