Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5339ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD5339ARM
Description  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5339ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5339ARM Datasheet HTML 16Page - Analog Devices AD5339ARM Datasheet HTML 17Page - Analog Devices AD5339ARM Datasheet HTML 18Page - Analog Devices AD5339ARM Datasheet HTML 19Page - Analog Devices AD5339ARM Datasheet HTML 20Page - Analog Devices AD5339ARM Datasheet HTML 21Page - Analog Devices AD5339ARM Datasheet HTML 22Page - Analog Devices AD5339ARM Datasheet HTML 23Page - Analog Devices AD5339ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 23 of 24
Table 10. Overview of AD53xx Parallel Devices
Part No.
Resolution
DNL
VREF Pins
Settling Time
Additional Pin Functions
Package
Pins
Singles
BUF
GAIN
HBEN
CLR
AD5330
8
±0.25
1
6 µs
√
√
√
TSSOP
20
AD5331
10
±0.50
1
7 µs
√
√
TSSOP
20
AD5340
12
±1.00
1
8 µs
√
√
√
TSSOP
24
AD5341
12
±1.00
1
8 µs
√
√
√
√
TSSOP
20
Duals
AD5332
8
±0.25
2
6 µs
√
TSSOP
20
AD5333
10
±0.50
2
7 µs
√
√
√
TSSOP
24
AD5342
12
±1.00
2
8 µs
√
√
√
TSSOP
28
AD5343
12
±1.00
1
8 µs
√
√
TSSOP
20
Quads
AD5334
8
±0.25
2
6 µs
√
√
TSSOP
24
AD5335
10
±0.50
2
7 µs
√
√
TSSOP
24
AD5336
10
±0.50
4
7 µs
√
√
TSSOP
28
AD5344
12
±1.00
4
8 µs
TSSOP
28
Octals
AD5346
8
±0.25
4
6 µs
√
√
√
TSSOP LFCSP
38, 40
AD5347
10
±0.50
4
7 µs
√
√
√
TSSOP
38, 40
AD5348
12
±1.00
4
8 µs
√
√
√
TSSOP
38, 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com