Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM6928 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM6928
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM6928 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM6928 Datasheet HTML 1Page - Anpec Electronics Coropration APM6928 Datasheet HTML 2Page - Anpec Electronics Coropration APM6928 Datasheet HTML 3Page - Anpec Electronics Coropration APM6928 Datasheet HTML 4Page - Anpec Electronics Coropration APM6928 Datasheet HTML 5Page - Anpec Electronics Coropration APM6928 Datasheet HTML 6Page - Anpec Electronics Coropration APM6928 Datasheet HTML 7Page - Anpec Electronics Coropration APM6928 Datasheet HTML 8Page - Anpec Electronics Coropration APM6928 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jan., 2002
www.anpec.com.tw
6
APM6928
Packaging Information
1
D
E1
A2
A1
A
L
e2
e 3
e 1
E
E3
1
PDIP-8 pin ( Reference JEDEC Registration MS-001)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.68
0.115
0.145
D
9.02
10.16
0.355
0.400
e1
2.54BSC
0.100BSC
e2
0.36
0.56
0.014
0.022
e3
1.14
1.78
0.045
0.070
E
7.62 BSC
0.300 BSC
E1
6.10
7.11
0.240
0.280
E3
10.92
0.430
L
2.92
3.81
0.115
0.150
φ 115°
15
°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com