Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC202RHUT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # FPC202RHUT
Description  Dual Port Controller With Expanded I/Os
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC202RHUT Datasheet(HTML) 1 Page - Texas Instruments

  FPC202RHUT Datasheet HTML 1Page - Texas Instruments FPC202RHUT Datasheet HTML 2Page - Texas Instruments FPC202RHUT Datasheet HTML 3Page - Texas Instruments FPC202RHUT Datasheet HTML 4Page - Texas Instruments FPC202RHUT Datasheet HTML 5Page - Texas Instruments FPC202RHUT Datasheet HTML 6Page - Texas Instruments FPC202RHUT Datasheet HTML 7Page - Texas Instruments FPC202RHUT Datasheet HTML 8Page - Texas Instruments FPC202RHUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FPC202 DUAL PORT CONTROLLER WITH EXPANDED I/Os
HOST
CONTROLLER
PORT 0
SCL
INT
SDA
SFP,
QSFP,
QSFP-DD,
OSFP
I2C,
STATUS,
CONTROL
PORT 0
Copyright © 2017, Texas Instruments Incorporated
PORT 1
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 1
FPC202 DUAL PORT CONTROLLER WITH EXPANDED I/Os
PORT 0
SFP,
QSFP,
QSFP-DD,
OSFP
I2C,
STATUS,
CONTROL
PORT 2
PORT 1
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 3
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
FPC202
SNLS565 – DECEMBER 2017
FPC202 Dual Port Controller With Expanded I/Os
1
1 Features
1
•
Supports Control Signal Management and I2C
Aggregation Across Two Ports
•
Four LED Drivers and 12 General-Purpose I/Os
Per Port
•
General-Purpose Outputs Can be Used to Drive
>4 LEDs Per Port
•
Combine Multiple FPC202s to Control 28 Total
Ports Through a Single Host Interface
•
Eliminates Need for Discrete I2C Multiplexers,
LED Drivers, and High-Pin-Count FPGA/CPLD
Control Devices
•
Reduces PCB Routing Complexity by Handling All
Low-Speed Control Signals Close to the Port
•
Selectable I2C (Up to 1 MHz) or SPI (Up to 10
MHz) Host Control Interface
•
Automatic Pre-Fetching of Critical, User-Specified
Data from the Modules
•
Broadcast Mode Allows Writes to All Ports
Simultaneously Across All FPC202 Controllers
•
Advanced LED Features for Port Status
Indication, Including Programmable Blinking and
Dimming
•
Customizable Interrupt Events
•
Separate Host-Side I/O Voltage: 1.8 V to 3.3 V
•
Small QFN Package Enabling Placement on
Bottom Side of PCB Underneath Ports
2 Applications
•
ToR/Aggregation/Core Switch and Router
•
Wireless Infrastructure Base Band Unit and
Remote Radio Unit
•
Network Interface Card (NIC) and Host Bus
Adapter (HBA)
•
Storage Cards and Storage Racks
•
SFP, QSFP, QSFP-DD, OSFP, Mini-SAS HD Port
Management
3 Description
The FPC202 dual port controller serves as a low-
speed signal aggregator for common port types such
as SFP, QSFP, Mini-SAS HD, and others. The
FPC202 aggregates all low-speed control and I2C
signals across two ports and presents a single easy-
to-use management interface to the host (I2C or SPI).
Multiple FPC202s can be used in high-port-count
applications with one common control interface to the
host.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FPC202
QFN (56)
5.00 mm x 11.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - FPC202RHUT

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
FPC2400 G-NICE-FPC2400 Datasheet
1Mb / 4P
FPC2400
2025-5
More results

Similar Description - FPC202RHUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
logo
Advantech Co., Ltd.
ARK-2120L ADVANTECH-ARK-2120L_15 Datasheet
1Mb / 2P
Intel짰 Atom??Dual Core N2600/D2550 with Multiple I/Os Fanless Box PC
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com