Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B34063AP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # B34063AP
Description  1.5Amp DC-to-DC Converter Control Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B34063AP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  B34063AP Datasheet HTML 1Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 2Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 3Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 4Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 5Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 6Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 7Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 8Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B34063A
Pin 1
1.27 (0.50)
BSC
3.8 (0.150)
4.0 (0.158)
4.6 (0.181)
5.2 (0.205)
5.8 (0.228)
6.2 (0.244)
4.8 (0.188)
5.0 (0.197)
0.49 (0.019)
0.56 (0.022)
0.35 (0.014)
0.45 (0.018)
0.10 (0.004)
0.20 (0.008)
0.19 (0.007)
0.22 (0.009)
1.35 (0.053)
1.75 (0.069)
0.61 (0.024)
0.78 (0.031)
3° -6
°
0.64 (0.025)
0.77 (0.030)
45°
7 °(4 PLCS)
7 °(4 PLCS)
0.37 (0.015)
BSC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com