Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11CP15 Datasheet(PDF) 17 Page - Microchip Technology

Part # SST11CP15
Description  4.9-5.9 GHz High-Linearity Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP15 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST11CP15 Datasheet HTML 10Page - Microchip Technology SST11CP15 Datasheet HTML 11Page - Microchip Technology SST11CP15 Datasheet HTML 12Page - Microchip Technology SST11CP15 Datasheet HTML 13Page - Microchip Technology SST11CP15 Datasheet HTML 14Page - Microchip Technology SST11CP15 Datasheet HTML 15Page - Microchip Technology SST11CP15 Datasheet HTML 16Page - Microchip Technology SST11CP15 Datasheet HTML 17Page - Microchip Technology SST11CP15 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005016C
08/13
17
4.9-5.9 GHz High-Linearity Power Amplifier
SST11CP15
Data Sheet
Packaging Diagrams
Figure 15:12-contact Ultra-thin Quad Flat No-lead (UQFN)
SST Package Code: QUB
12-uqfn-2x2-QUB-2.0
0.4 BSC
See notes
2 and 3
Pin #1
0.25
0.15
0.92
0.34
0.24
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
0.265
0.165
Pin #1
(laser
engraved
see note 2)
2.00
±0.05
2.00
±0.05
0.075
Note: 1. Similar to JEDEC JEP95 UQFN/USON variants, though number of contacts and some dimensions are different.
2. The topside pin #1 indicator is laser engraved; its approximate shape and location is as shown.
3. From the bottom view, the pin #1 indicator may be either a curved indent or a 45-degree chamfer.
4. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is required to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of
the device.
5. Untoleranced dimensions are nominal target dimensions.
6. All linear dimensions are in millimeters (max/min).
0.60
0.50
0.05 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com