Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG02A472F Datasheet(PDF) 8 Page - Vishay Siliconix

Part # NTCALUG02A472F
Description  NTC Thermistors, Low Thermal Gradient Lug Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A472F Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button NTCALUG02A472F Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 9Page - Vishay Siliconix NTCALUG02A472F Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 17-Nov-17
8
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A103FL
NTC LUG02A 10K 1 % 3435 K 1 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
-40
19.10
190 953
4.24
-5.46
0.78
182 848
199 057
-35
14.60
145 953
3.93
-5.30
0.74
140 213
151 693
-30
11.24
112 440
3.63
-5.14
0.71
108 354
116 526
-25
8.729
87 285
3.35
-4.99
0.67
84 364
90 206
-20
6.826
68 260
3.07
-4.85
0.63
66 164
70 355
-15
5.376
53 762
2.80
-4.71
0.60
52 254
55 270
-10
4.264
42 636
2.55
-4.57
0.56
41 549
43 723
-5
3.404
34 038
2.30
-4.44
0.52
33 254
34 822
0
2.735
27 348
2.07
-4.31
0.48
26 783
27 913
5
2.211
22 108
1.84
-4.19
0.44
21 702
22 515
10
1.798
17 979
1.62
-4.08
0.40
17 689
18 270
15
1.471
14 706
1.40
-3.96
0.35
14 499
14 912
20
1.209
12 094
1.20
-3.86
0.31
11 949
12 239
25
1.000
10 000
1.00
-3.75
0.27
9900
10 100
30
0.8311
8311
1.19
-3.65
0.33
8212
8410
35
0.6941
6941
1.38
-3.55
0.39
6845
7037
40
0.5825
5825
1.56
-3.46
0.45
5734
5916
45
0.4911
4911
1.73
-3.37
0.51
4826
4996
50
0.4158
4158
1.90
-3.28
0.58
4079
4237
55
0.3536
3536
2.06
-3.20
0.65
3463
3609
60
0.3020
3020
2.22
-3.12
0.71
2953
3087
65
0.2589
2589
2.38
-3.04
0.78
2527
2650
70
0.2228
2228
2.53
-2.96
0.85
2172
2284
75
0.1925
1925
2.67
-2.89
0.92
1873
1976
80
0.1668
1668
2.81
-2.82
1.00
1621
1715
85
0.1451
1451
2.95
-2.75
1.07
1409
1494
90
0.1267
1267
3.08
-2.69
1.15
1228
1306
95
0.1109
1109
3.21
-2.62
1.22
1074
1145
100
0.09743
974.3
3.34
-2.56
1.30
941.7
1007
105
0.08583
858.3
3.46
-2.50
1.38
828.6
888.0
110
0.07584
758.4
3.58
-2.45
1.46
731.2
785.6
115
0.06720
672.0
3.70
-2.39
1.55
647.1
696.8
120
0.05971
597.1
3.81
-2.34
1.63
574.3
619.8
125
0.05319
531.9
3.92
-2.29
1.72
511.0
552.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com