Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4483 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4483
Description  N Male Right Angle Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4483 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4483 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4483 type N male right angle connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is
part of our full line of RF components available for same-day shipping. Our type N male connector operates up to a maximum
frequency of 11 GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our type N male right angle connector PE4483 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
1,500
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Inner Conductor DC Resistance
1
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
5,000
MOhms
RF Leakage
90
dB
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
GHz
VSWR, Max
1.5:1
Insertion Loss, Max
0.15
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Right Angle Connector Crimp/Solder Attachment for RG214, RG9, RG225,
RG393 PE4483
PE4483 REV 1.3
N Male Right Angle Connector Crimp/Solder
Attachment for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4483


Similar Part No. - PE4483

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4483 PASTERNACK-PE4483 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44830 PASTERNACK-PE44830 Datasheet
372Kb / 3P
MCX Plug Right Angle Connector Solder Attachment Thru-Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE4483

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44526 PASTERNACK-PE44526 Datasheet
285Kb / 3P
N Male Right Angle Connector Crimp/Solder N Male Right Angle Connector Crimp/Solder
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4327 PASTERNACK-PE4327_16 Datasheet
319Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4393 PASTERNACK-PE4393_16 Datasheet
317Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4450 PASTERNACK-PE4450_16 Datasheet
377Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4453 PASTERNACK-PE4453_16 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4455 PASTERNACK-PE4455_16 Datasheet
320Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE4482 PASTERNACK-PE4482_17 Datasheet
330Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4484 PASTERNACK-PE4484_17 Datasheet
371Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com