Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1G170 Datasheet(PDF) 2 Page - ebm-papst

Part # G1G170
Description  Combustion Air Blower
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

G1G170 Datasheet(HTML) 2 Page - ebm-papst

  G1G170 Datasheet HTML 1Page - ebm-papst G1G170 Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
e-mail: sales@us.ebmpapst.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm-papst Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm-papst Inc., 2006 © ebm-papst Inc. reserves the right to change any specifications or data without notice
Combustion Air Blowers
Drive unit:
Brushless DC-motors with integrated electronics.
Series RG: internal-rotor design
Insulation class F (EN60335-1)
Series G1G/G3G: external-rotor design
Insulation class F (EN60335-1)
The motor is anti-vibration mounted to minimize
structure-born noise; rigid mounting with RG100.
Controllable blowers with steep pressure/air
flow characteristics curves and high maximum
pressure are required to provide optimal fuel/air
mixture and volume for modern gas or oil-fired
heating boilers that operate in modulating mode,
and also for gas technology in every operating
status and external condition.
The RG blowers with brushless DC-motors
have been developed to meet the special
requirements of these appliances. ebm-papst
has played a decisive part in the development of
EC blowers suited to this purpose and can,
today, offer the most extensive range of blowers
for this field of application. The special features
of these blowers can, however, also be used in a
wide range of other applications.
Housing:
RG and G1G/G3G: Die-cast aluminium
The air tightness required for gas pre-mixing is
achieved by sealing the two casing shells and
the passage hole of the drive shaft. When using
blowers for such applications, special criteria,
testing and approvals have to be asserted with
the customer. Safety tests (gas tightness etc.)
for the complete system have to be carried out
by the customer and are his responsibility.
Blower impellers:
RG and G1G/G3G:
Material: Plastic, anti-static, resistant
to pentane, surface resistance <10
9,
dynamically fine-balanced.
Protection type:
IP20 with cover
RG100:
IP00
40,000 hours of ope-
Protection class:
The motors comply with the requirements for
protection class III. At rated voltages of over 42
V, therefore, a potential separation is provided
for between the voltage supply to the motor and
the interface to the control module and, com-
mensurate with the requirements on greater
insulation, creepage distances and clearances
of 8mm are also provided for. Protection class III
then only applies to the signal plug.
The blower complies with protection class I.
Humidity class:
The electronics comply with humidity class “E”
according to DIN 40040.
The circuit boards are coated with a protective
varnish to safeguard optimal protection in a cor-
rosive environment.
Bearings:
Maintenance-free ball bearings covered on both
sides, for the RG100 sintered calotte-sleeve
bearings with a lubricant depot. Calculated ser-
vice life expectation L10
ration at an ambient temperature of 40°C, hori-
zontal mounting position and typical operating
conditions.
Mounting positions:
1
2
3
4
5
6
Mounting positions 1 – 4 are possible. If the
motor is installed on anti-vibration mounts, the
motor weight is given additional support by an
elastic element. Details of the mounting position
must therefore be provided.
Consultation is indispensable for installation
positions 5 and 6.
Closed-/Open-loop speed control:
The blower speed can be adjusted over a wide
range using a PWM (pulse width modulation)
signal. The PWM signal is a rectangular signal,
preferably with constant frequency and variable
pulse width. It is activated by an open collector
drive and a pull-up resistor.
An additional electronic system is available as
an option, to convert an analog voltage signal of
0 – 10 V into the required PWM signal. In addi-
tion, there is another electronic system which
allows to activate two speeds, preset with
potentiometers, via a control input.
Interference suppression/EMC:
230 V AC: EMC according to EN 55011 and EN
50082-2
24 V DC: EMC according to EN 55014
Pressure relief:
Apertures for pressure relief on request.
Commutation electronics:
Motor electronics integrated in the blower unit,
with start-up current limit and reverse battery
protection using plug coding, locked-rotor pro-
tection and overload protection optional.
See separate drawings for details of interface
requirements.
Adaption to the boiler control is required
in specific cases.
Speed recognition:
Hall IC signal output (2 pulses per revolution).
RG100: 1 pulse per revolution
The derivative feedback is galvanically decou-
pled with motors on mains voltage operation.
248



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com