Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED545-33 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED545-33
Description  Green LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED545-33 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED545-33 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED545-33 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED545-33 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED545-33 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LED545-33
v 1.1 30.08.2017
Description
LED545-33 contains a InGaN LED mounted on a lead frame hermetically sealed with a clear epoxy lens.
On forward bias, it emits a power radiation of typical 3.2 mW at a peak wavelength at 545 nm.
Maximum Ratings (T
CASE
=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
190
mW
Forward Current
IF
50
mA
Pulse Forward Current *1
IFP
100
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
300
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *2
TSLD
+ 265
°C
*1 duty=1%, pulse width = 10 µs
*2 must be completed within 3 seconds
Electro-Optical Characteristics (T
CASE
=25°C)
*1 measured by S3584,08
*2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=20mA
535
555
nm
Half Width
∆λ
IF=20mA
39
nm
Forward Voltage
VF
IF=20mA
3.4
3.8
V
VFP
IFP=100mA
4.3
Radiated Power *1
PO
IF=20mA
3.2
mW
IFP=100mA
11
Radiant Intensity *2
IE
IF=20mA
21
mW/sr
IFP=100mA
76
Luminous Flux
ΦV
IF=20mA
2200
mlm
Viewing Angle
φ
IF=20mA
28
deg.
Rise Time
tR
IF=20mA
15
ns
Fall Time
tF
IF=20mA
30
ns


Similar Part No. - LED545-33

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED545-01 ROITHNER-LED545-01 Datasheet
914Kb / 4P
Green LED
More results

Similar Description - LED545-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG546BS ETC-NSPG546BS Datasheet
367Kb / 15P
GREEN LED
logo
NICHIA CORPORATION
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
GREEN LED
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
GREEN LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com