Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL44 Datasheet(PDF) 2 Page - TT Electronics.

Part # MODEL44
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL44 Datasheet(HTML) 2 Page - TT Electronics.

  MODEL44 Datasheet HTML 1Page - TT Electronics. MODEL44 Datasheet HTML 2Page - TT Electronics. MODEL44 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Cermet Trimming Potentiometer
Issue B
09/2013
Page 2
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Packaging
Mechanical
Mechanical stops
Clutch action, both ends
Torque, starting
3 oz.-in. max. (0.021 N-m)
Weight
0.01 oz. nominal (0.3 grams)
Standard: Embossed Tape & Reel. All units oriented with #1 pin to the right of the direction of feed.
13” Reel
7” Reel
Pin Style
G & J
W
G & J
W
Tape
Width =
12 mm
16 mm
12 mm
16 mm
Sprocket =
4 mm pitch
4 mm pitch
4 mm pitch
4 mm pitch
Capacity =
1,000 units
1,000 units
500 units
250 units
Reel
Diameter =
13” (330.2 mm)
7” (178 mm)
Option: Anti-static tubes. All units oriented with #1 pin to same side. Tube capacity = 100 units.
Ordering Information
Circuit Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com