Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2NB65 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB65
Description  Halogen-free according to IEC 61249-2-21
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB65 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2NB65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM2NB65
Taiwan Semiconductor
2
Version:B1706
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 3)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
650
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
2.5
4
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
IDSS
--
--
10
µA
Drain-Source On-State Resistance
VGS = 10V, ID = 1A
RDS(ON)
--
4
5
Ω
Forward Transfer Conductance
VDS = 10V, ID = 1A
gfs
--
2.5
--
S
Dynamic
(Note 4)
Total Gate Charge
VDS = 520V, ID = 2A,
VGS = 10V
Qg
--
13
--
nC
Gate-Source Charge
Qgs
--
2.2
--
Gate-Drain Charge
Qgd
--
5
--
Input Capacitance
VDS = 25V, VGS = 0V,
F = 1.0MHz
Ciss
--
390
--
pF
Output Capacitance
Coss
--
31
--
Reverse Transfer Capacitance
Crss
--
8
--
Gate Resistance
f = 1.0MHz, open drain
Rg
0.8
2.5
7.5
Ω
Switching
(Note 5)
Turn-On Delay Time
VGS = 10V, ID = 2A,
VDD = 325V, RG =25Ω
td(on)
--
8.2
--
ns
Turn-On Rise Time
tr
--
23.2
--
Turn-Off Delay Time
td(off)
--
38
--
Turn-Off Fall Time
tf
--
27
--
Source-Drain Diode
(Note 3)
Diode Forward Voltage
IS = 2A, VGS = 0V
VSD
--
--
1.2
V
Notes:
1.
Pulse width limited by the maximum junction temperature
2.
L = 20mH, IAS = 1.6A, VDD = 50V, RG = 25Ω, Starting TJ = 25
oC
3.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
4.
For DESIGN AID ONLY, not subject to production testing.
5.
Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com