Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSOPTC1003ATF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OSOPTC1003ATF
Description  Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OSOPTC1003ATF Datasheet(HTML) 1 Page - Vishay Siliconix

  OSOPTC1003ATF Datasheet HTML 1Page - Vishay Siliconix OSOPTC1003ATF Datasheet HTML 2Page - Vishay Siliconix OSOPTC1003ATF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OSOP
www.vishay.com
Vishay Dale Thin Film
Revision: 03-Mar-17
1
Document Number: 60002
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor,
Surface Mount Network
OSOP Series resistor networks feature a space saving
25 mil lead pitch versus the current 50 mil pitch standard.
This allows users to reduce board space more than 50 %
over current standards. The OSOP series features 16, 20,
and 24 pin variations with isolated and last pin common
schematics. Custom schematics and resistor values are
also available, consult factory.
SCHEMATIC
FEATURES
• 0.068" (1.73 mm) maximum seated height
• Rugged molded case construction with no
internal solder
• JEDEC® MO-137 variation AB = 16 pin,
AD = 20 pin, AE = 24 pin
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
TYPICAL PERFORMANCE
Note
• Consult factory for additional values and schematics
OSOP 16 B
OSOP 20 A
OSOP 24 C
OSOP 16 E
OSOP 20 D
OSOP 24 F
R1
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD RESISTANCE OFFERING (R1 =)
500
10 k
1 k
20 k
2 k
50 k
5 k
100 k
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin / Lead Number
16, 20, 24
-
Resistance Range
500
 to 100 k per resistor
-
TCR: Absolute
± 25 ppm/°C
-55 °C to +125 °C
TCR: Tracking
± 5 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to 1 %
+25 °C
Tolerance: Ratio
± 0.025 % to 0.5 %
+25 °C
Power Rating: Resistor
100 mW
Maximum at +70 °C
Power Rating: Package
400 mW
Maximum at +70 °C
Stability: Absolute
R ± 0.05 %
2000 h at +70 °C
Stability: Ratio
R ± 0.015 %
2000 h at +70 °C
Voltage Coefficient
< 0.1 ppm/V (typical)
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< -30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at +25 °C
P x R


Similar Part No. - OSOPTC1003ATF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
OSOPA1001A VISHAY-OSOPA1001A Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
OSOPA1001B VISHAY-OSOPA1001B Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
OSOPA1001C VISHAY-OSOPA1001C Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
OSOPA1001D VISHAY-OSOPA1001D Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
More results

Similar Description - OSOPTC1003ATF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
03-May-01
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
11-Jun-07
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
07-Nov-07
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
14-Nov-08
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com