Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM120N06LCP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM120N06LCP
Description  Low gate charge for fast power switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM120N06LCP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM120N06LCP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM120N06LCP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM120N06LCP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM120N06LCP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM120N06LCP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM120N06LCP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM120N06LCP
Taiwan Semiconductor
1
Version: A1602
N-Channel Power MOSFET
60V, 70A, 12m
Ω
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Logic level
● Low gate charge for fast power switching
● 100% UIS and R
g tested
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● BLDC Motor Control
● Battery Power Management
● Secondary Synchronous Rectification
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
60
V
RDS(on)
(max)
VGS = 10V
12
m
Ω
VGS = 4.5V
15
Qg
18
nC
TO-252(DPAK)
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25°C
ID
70
A
TA = 25°C
10
Pulsed Drain Current
(Note 1)
IDM
280
A
Single Pulse Avalanche Current
(Note 2)
IAS
20
A
Single Pulse Avalanche Energy
(Note 2)
EAS
60
mJ
Total Power Dissipation
TC = 25°C
PD
125
W
TC = 125°C
25
Total Power Dissipation
TA = 25°C
PD
2.6
W
TA = 125°C
0.5
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1
°C/W
Junction to Ambient Thermal Resistance
RӨJA
49
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design.


Similar Part No. - TSM120N06LCP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
Low gate charge for fast power switching
More results

Similar Description - TSM120N06LCP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
Low Gate Charge, Fast Switching Performance
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
Low gate charge for fast power switching
TSM089N08LCR TSC-TSM089N08LCR Datasheet
341Kb / 6P
Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com