Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5570C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5570C
Description  Multifunctional 330-bit Read/Write RF SensorIdentification IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5570C Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5570C Datasheet HTML 1Page - ATMEL Corporation ATA5570C Datasheet HTML 2Page - ATMEL Corporation ATA5570C Datasheet HTML 3Page - ATMEL Corporation ATA5570C Datasheet HTML 4Page - ATMEL Corporation ATA5570C Datasheet HTML 5Page - ATMEL Corporation ATA5570C Datasheet HTML 6Page - ATMEL Corporation ATA5570C Datasheet HTML 7Page - ATMEL Corporation ATA5570C Datasheet HTML 8Page - ATMEL Corporation ATA5570C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
9191B–RFID–05/11
Atmel ATA5570C
Figure 3-2.
Block 0 Configuration Mapping – Atmel® e5550 Compatibility Mode
3.10
Modulator
The modulator consists of data encoders for the following basic types of modulation:
00
00
00
0
0
11
Note 1), 2)
Bit Rate
0
1
0
0
1
0
1
1
0
0
1
0
1
1
0
1
0
0
0
1
1
1
1
0
RF/2
RF/4
RF/8
RFU
0
1
0
1
0
0
1
1
RF/8
RF/16
RF/32
RF/50
RF/128
RF/100
RF/64
0
0
0
0
0
0
0
Direct
PSK3
PSK2
PSK1
0
1
0
1
0
1
1
0
0
0
0
0
0
RF/40
2) If Master Key < > 6 or 9 then extended function mode is disabled
1) If Master Key = 6 then test mode write commands are ignored
Locked
Unlocked
1
0
Master Key
Modulation
Data
PSK
Block
CF
Max
00
00
0
67
5
8
2
3
1
L
4
10 11 12
17 18 19 20
22
24
23
21
30
32
31
29
26
28
27
25
13 14 15 16
9
01
FSK1a
0
1
0
01
FSK2a
1
1
0
10
Reserved
0
0
1
1
0
Bi-phase ('50)
0
0
0
00
Manchester
0
0
1
01
FSK2
1
0
0
01
FSK1
0
0
0
Table 3-1.
Types of Atmel e5550-compatible Modulation Modes
Mode
Direct Data Output
Encoding
FSK1a(1)
FSK/8, FSK/5
“0” = RF/8;
“1” = RF/5
FSK2a(1)
FSK/8, FSK/10
“0” = RF/8;
“1” = RF/10
FSK1(1)
FSK/5, FSK/8
“0” = RF/5;
“1” = RF/8
FSK2(1)
FSK/10, FSK/8
“0” = RF/10;
“1” = RF/8
PSK1(2)
Phase change when input changes
PSK2(2)
Phase change on bit clock if input high
PSK3(2)
Phase change on rising edge of input
Manchester
“0” = falling edge, “1” = rising edge
Bi-phase
“1” creates an additional mid-bit change
NRZ
“1” = damping on, “0” = damping off
Notes:
1. A common multiple of bit rate and FSK frequencies is recommended.
2. In PSK mode the selected data rate has to be an integer multiple of the PSK sub-carrier
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com