Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12599 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C12599
Description  Lenina Reflector
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12599 Datasheet(HTML) 2 Page - Ledil, Inc.

  C12599 Datasheet HTML 1Page - Ledil, Inc. C12599 Datasheet HTML 2Page - Ledil, Inc. C12599 Datasheet HTML 3Page - Ledil, Inc. C12599 Datasheet HTML 4Page - Ledil, Inc. C12599 Datasheet HTML 5Page - Ledil, Inc. C12599 Datasheet HTML 6Page - Ledil, Inc. C12599 Datasheet HTML 7Page - Ledil, Inc. C12599 Datasheet HTML 8Page - Ledil, Inc. C12599 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 220 page
background image
PRODUCT DATASHEET
Lenina series
last update 1/6/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLU710/711
55 deg
Wide
89 %
1.000
-
CLL04x/CLU04x
59 deg
Wide
84 %
1.000
-
CLU730/731
49 deg
Wide
93 %
1.200
-
CLL04x/CLU04x
56 deg
Wide
76 %
0.900
-
CLU730/731
50 deg
Wide
83 %
1.000
-
CLL04x/CLU04x
61 deg
Wide
91 %
0.970
Bender Wirth: 431 Typ L3
CLL04x/CLU04x
61 deg
Wide
86 %
0.880
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
60 deg
Wide
86 %
0.950
Bender Wirth: 433 Typ L1
CLL02x/CLU02x (LES10)
57 deg
Wide
86 %
0.980
Bender Wirth: 434 Typ L1
CLL04x/CLU04x
55 deg
Wide
86 %
1.000
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
58 deg
Wide
78 %
0.900
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: 46
Wide
sim: 89 % sim: 1.300 IDEAL: 50-2234C + 50-2100LN
CXA2011
50 deg
Wide
86 %
1.200
-
CXA2011
52 deg
Wide
78 %
1.000
-
CXA/B 15xx
48 deg
Wide
83 %
1.300
-
CXA/B 25xx
51 deg
Wide
84 %
1.200
-
CXA/B 25xx
52 deg
Wide
76 %
1.100
-
CXA/B 15xx
57 deg
Wide
86 %
1.000
Bender Wirth: 441 Typ L1
CXA/B 30xx
NULL deg
Wide
sim: 84 % sim: 1.200 IDEAL: 50-2234C + 50-2100LN
CHI3030 29W
63 deg
Wide
86 %
0.800
Bender Wirth: 468 Typ L3
CHI3030 19W
62 deg
Wide
90 %
0.900
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
58 deg
Wide
84 %
0.960
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
55 deg
Wide
89 %
1.100
-
LUXEON CoB 1208
58 deg
Wide
88 %
1.000
-
LUXEON CoB 1204/1205
57 deg
Wide
84 %
1.000
-
LUXEON CoB 1208
60 deg
Wide
84 %
0.900
-
LUXEON CoB 1216/1812
58 deg
Wide
90 %
1.000
-
LUXEON CoB 1216/1812
58 deg
Wide
86 %
0.950
LEDiL: LEDiL
LUXEON K12
54 deg
Wide
88 %
1.100
-
LUXEON K16
55 deg
Wide
85 %
1.050
-
LUXEON K16
56 deg
Wide
79 %
0.900
-
LUXEON K12
57 deg
Wide
83 %
1.000
-
LUXEON CoB 1211
60 deg
Wide
91 %
1.000
Bender Wirth: 431 Typ L3
LUXEON CoB 1211
60 deg
Wide
86 %
0.900
Bender Wirth: 431 Typ L3
LUXEON CoB 1216/1812
58 deg
Wide
80 %
0.870
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXM-14
58 deg
Wide
92 %
1.100
LEDiL: LEDiL
CXM-14
59 deg
Wide
88 %
1.000
LEDiL: LEDiL
CXM-22
58 deg
Wide
92 %
1.100
LEDiL: LEDiL
CXM-22
58 deg
Wide
87 %
1.000
LEDiL: LEDiL
CXM-14
NULL deg
Wide
sim: 90 % sim: 1.000 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Wide
sim: 90 % sim: 1.100 -
CXM-14
NULL deg
Wide
sim: 86 % sim: 0.950 Bender Wirth: 433 Typ L1
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 2/41
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com