Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13101 Datasheet(PDF) 11 Page - Ledil, Inc.

Part # C13101
Description  Lena Reflector
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13101 Datasheet(HTML) 11 Page - Ledil, Inc.

Back Button C13101 Datasheet HTML 7Page - Ledil, Inc. C13101 Datasheet HTML 8Page - Ledil, Inc. C13101 Datasheet HTML 9Page - Ledil, Inc. C13101 Datasheet HTML 10Page - Ledil, Inc. C13101 Datasheet HTML 11Page - Ledil, Inc. C13101 Datasheet HTML 12Page - Ledil, Inc. C13101 Datasheet HTML 13Page - Ledil, Inc. C13101 Datasheet HTML 14Page - Ledil, Inc. C13101 Datasheet HTML 15Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 151 page
background image
PRODUCT DATASHEET
Lena series
last update 8/12/2017
COB D Series LES 22 mm
Asymmetric degAsymmetric 91 %
0.560
-
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 11/20
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com