Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA13613 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13613
Description  Rose Assembly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13613 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13613 Datasheet HTML 1Page - Ledil, Inc. CA13613 Datasheet HTML 2Page - Ledil, Inc. CA13613 Datasheet HTML 3Page - Ledil, Inc. CA13613 Datasheet HTML 4Page - Ledil, Inc. CA13613 Datasheet HTML 5Page - Ledil, Inc. CA13613 Datasheet HTML 6Page - Ledil, Inc. CA13613 Datasheet HTML 7Page - Ledil, Inc. CA13613 Datasheet HTML 8Page - Ledil, Inc. CA13613 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Rose series
last update 5/1/2018
DETAILS
Product Number
CA13613_G2-OSS-2-RS
Family
Rose
Type
Assembly
Color
white
Diameter
21,6*21,6 mm
Height
13,9 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
5/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON 5050
sim: 17
Real spot
sim: 93 % sim: 6.240 -
Golden Dragon+
7 deg
Real spot
-
35.500
-
OSCONIQ P 3737 (2W version)
sim: 10
Real spot
sim: 94 % sim: 17.150 -
Duris S8
sim: 16
Real spot
sim: 92 % sim: 5.910 -
Z5M1/Z5M2
sim: 10
Real spot
sim: 93 % sim: 19.300 -
January 26th 2018 9:40 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA13613

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13611 LEDIL-CA13611 Datasheet
220Kb / 3P
Rose Assembly
CA13612 LEDIL-CA13612 Datasheet
307Kb / 3P
Rose Assembly
CA13614 LEDIL-CA13614 Datasheet
365Kb / 4P
Rose Assembly
CA13615 LEDIL-CA13615 Datasheet
399Kb / 3P
Rose Assembly
CA13617 LEDIL-CA13617 Datasheet
212Kb / 3P
Rose Assembly
More results

Similar Description - CA13613

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10561 LEDIL-CA10561 Datasheet
230Kb / 4P
Rose Assembly
CA13614 LEDIL-CA13614 Datasheet
365Kb / 4P
Rose Assembly
FA10327 LEDIL-FA10327 Datasheet
241Kb / 4P
Rose Assembly
FA10342 LEDIL-FA10342 Datasheet
76Kb / 2P
Rose Assembly
FA10903 LEDIL-FA10903 Datasheet
200Kb / 4P
Rose Assembly
FCA14961 LEDIL-FCA14961 Datasheet
279Kb / 4P
Rose Assembly
FCA14405 LEDIL-FCA14405 Datasheet
325Kb / 9P
Rose Assembly
FCA14464 LEDIL-FCA14464 Datasheet
290Kb / 8P
Rose Assembly
FA10300 LEDIL-FA10300 Datasheet
222Kb / 4P
Rose Assembly
FA10302 LEDIL-FA10302 Datasheet
233Kb / 4P
Rose Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com