Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA15519 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA15519
Description  Veronica Assembly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15519 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA15519 Datasheet HTML 1Page - Ledil, Inc. CA15519 Datasheet HTML 2Page - Ledil, Inc. CA15519 Datasheet HTML 3Page - Ledil, Inc. CA15519 Datasheet HTML 4Page - Ledil, Inc. CA15519 Datasheet HTML 5Page - Ledil, Inc. CA15519 Datasheet HTML 6Page - Ledil, Inc. CA15519 Datasheet HTML 7Page - Ledil, Inc. CA15519 Datasheet HTML 8Page - Ledil, Inc. CA15519 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT DATASHEET
Veronica series
last update 13/12/2017
DETAILS
Product Number
CA15519_VERONICA-SQ-MINI-D
Family
Veronica
Type
Assembly
Color
clear
Diameter
13,9+13,9 mm
Height
8,86 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
13/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E2
15 deg
Diffuser
92 %
7.200
-
XD16
17 deg
Diffuser
90 %
3.700
-
J Series 3030
sim: 18
Diffuser
sim: 94 % sim: 6.124 -
Oslon Square Gen3
sim: 19
Diffuser
sim: 94 % sim: 5.810 -
January 31st 2018 2:02 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA15519

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA15519 LEDIL-CA15519 Datasheet
5Mb / 5P
~15째 diffused spot beam
CA15519 LEDIL-CA15519_18 Datasheet
5Mb / 5P
~15째 diffused spot beam
More results

Similar Description - CA15519

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Cree, Inc
C13528 CREE-C13528 Datasheet
1Mb / 27P
Veronica series
CA13724 CREE-CA13724 Datasheet
868Kb / 15P
Veronica series
CA13726 CREE-CA13726 Datasheet
2Mb / 45P
Veronica series
CA14442 CREE-CA14442 Datasheet
3Mb / 51P
Veronica series
CA14461 CREE-CA14461 Datasheet
2Mb / 50P
Veronica series
C13529 CREE-C13529 Datasheet
3Mb / 57P
Veronica series
CA14601 CREE-CA14601 Datasheet
1,023Kb / 18P
Veronica series
logo
Ledil, Inc.
C13528 LEDIL-C13528 Datasheet
1Mb / 31P
Veronica Lens
CA14602 LEDIL-CA14602 Datasheet
1Mb / 21P
Veronica Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com