Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14564 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C14564
Description  Strada Assembly
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14564 Datasheet(HTML) 2 Page - Ledil, Inc.

  C14564 Datasheet HTML 1Page - Ledil, Inc. C14564 Datasheet HTML 2Page - Ledil, Inc. C14564 Datasheet HTML 3Page - Ledil, Inc. C14564 Datasheet HTML 4Page - Ledil, Inc. C14564 Datasheet HTML 5Page - Ledil, Inc. C14564 Datasheet HTML 6Page - Ledil, Inc. C14564 Datasheet HTML 7Page - Ledil, Inc. C14564 Datasheet HTML 8Page - Ledil, Inc. C14564 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
3,22 g
SHEET
1/1
SIZE
A3
DRAWING TITLE
CA15946_STRADA-SQ-T2-B
PART NUMBER
CA15946
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO
DESCRIPTION
MATERIAL
COLOUR
1
C15945
STRADA-SQ-T2-B
PMMA
Clear
2
C14564
ROSE-TAPE
PU 2-sided foam tape
Adhesive
25
Front view
Scale:
2:1
A
A
2
21.52
3.2
Rear view
Scale:
2:1
c / c
Bottom view
Scale:
2:1
Section view A-A
Scale:
2:1
0.15
0.4
Isometric view
Scale:
2:1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com