Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284RFR2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATmega1284RFR2
Description  Network support by hardware assisted Multiple PAN Address Filtering
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284RFR2 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATmega1284RFR2 Datasheet HTML 1Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 2Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 3Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 4Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 5Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 6Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 7Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 8Page - ATMEL Corporation ATmega1284RFR2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
42073BS-MCU Wireless-09/14
ATmega2564/1284/644RFR2
1 Pin Configurations
Figure 1-1. Pinout ATmega2564/1284/644RFR2
48
47
46
45
44
43
42
41
40
39
38
37
PF3/4:ADC3/4:TCK:DIG4
1
36
PE2:XCK0:AIN0
PF5:ADC5:TMS
2
35
PE1:TXD0
PF6:ADC6:TDO
3
34
PE0:RXD0:PCINT8
PF7:ADC7:TDI
4
ATmega2564/1284/644RFR2
33
PB7:OC0A:OC1C:PCINT7
AVSS_RFP
5
32
PB6:OC1B:PCINT6
RFP
6
QFN 48
31
PB5:OC1A:PCINT5
RFN
7
30
PB4:OC2A:PCINT4
AVSS_RFN
8
7x7 mm
29
PB3:MISO:PDO:PCINT3
TST
9
28
PB2:MOSI:PDI:PCINT2
RSTN
10
27
PB1:SCK:PCINT1
PG1:DIG1
11
26
PB0:SSN:PCINT0
PG3:TOSC2
12
25
CLKI
13
14
15
16
17
18
19
20
21
22
23
24
Note:
The large center pad underneath the QFN/MLF package is made of metal and internally connected
to AVSS. It should be soldered or glued to the board to ensure good mechanical stability. If the
center pad is left unconnected, the package might loosen from the board. It is not recommended to
use the exposed paddle as a replacement of the regular AVSS pins.
2 Disclaimer
Typical values contained in this datasheet are based on simulation and characterization
results of other AVR microcontrollers and radio transceivers manufactured in a similar
process technology. Minimum and Maximum values will be available after the device is
characterized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com