Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4289 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR4289
Description  Reference Oscillator up to 15 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4289 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR4289 Datasheet HTML 1Page - ATMEL Corporation ATR4289 Datasheet HTML 2Page - ATMEL Corporation ATR4289 Datasheet HTML 3Page - ATMEL Corporation ATR4289 Datasheet HTML 4Page - ATMEL Corporation ATR4289 Datasheet HTML 5Page - ATMEL Corporation ATR4289 Datasheet HTML 6Page - ATMEL Corporation ATR4289 Datasheet HTML 7Page - ATMEL Corporation ATR4289 Datasheet HTML 8Page - ATMEL Corporation ATR4289 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
4885A–AUDR–09/05
ATR4289
2.
Pin Configuration
Figure 2-1.
Pinning SO16
1
2
3
4
5
6
7
8
13
14
15
16
SCL
SDA
AS
SWO1
GND1
OSCOUT
OSCIN
VA
PDAMO
PDAM
PDFM
VDD
9
11
12
FMOSC
GND 2
PDFMO
AMOSC
10
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VDD
Supply voltage
2
SCL
Bus clock
3SDA
Bus data
4
AS
Address selection
5
SWO1
Switching output
6
FMOSC
FM oscillator input
7
GND2
Ground 2 (analog)
8
AMOSC
AM oscillator input
9
PDFM
FM current output
10
PDFMO
FM analog output
11
PDAM
AM current output
12
PDAMO
AM analog output
13
VA
Analog supply voltage
14
OSCIN
Oscillator input
15
OSCOUT
Oscillator output
16
GND1
Ground 1 (digital)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com