Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP165X Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP165X
Description  MCP165X 3W White LED Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP165X Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP165X Datasheet HTML 9Page - Microchip Technology MCP165X Datasheet HTML 10Page - Microchip Technology MCP165X Datasheet HTML 11Page - Microchip Technology MCP165X Datasheet HTML 12Page - Microchip Technology MCP165X Datasheet HTML 13Page - Microchip Technology MCP165X Datasheet HTML 14Page - Microchip Technology MCP165X Datasheet HTML 15Page - Microchip Technology MCP165X Datasheet HTML 16Page - Microchip Technology MCP165X Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MCP165X 3W WHITE LED
DEMO BOARD USER’S GUIDE
 2004 Microchip Technology Inc.
DS51513A-page 9
Appendix A. Schematic and Board Layouts
A.1
INTRODUCTION
This appendix contains the schematic and printed circuit board (PCB) layout diagrams
for the MCP165X 3W White LED Evaluation Board (Rev. 1).
The MCP165X 3W White LED Evaluation Board (Rev. 1) is constructed using a
two-layer printed circuit board. The top and bottom layers are for components and
traces.
Diagrams included in this appendix:
• Board Schematic
• Top Silk-screen Layer
• Top Metal Layer
• Bottom Silk-screen Layer
• Bottom Metal Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com