Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1643 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1643
Description  RGB LED Driver Demonstration Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology MCP1643 Datasheet HTML 16Page - Microchip Technology MCP1643 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Product Overview
 2016 Microchip Technology Inc.
DS50002437A-page 13
1.5
MCP1643 RGB LED DRIVER DEMONSTRATION BOARD FEATURES
• Powered by one-cell Alkaline, NiCD, or NiMH battery or by external power supply
• Input voltage range (VIN): 0.65V to 2V, with VIN < VOUT, after start-up
• Start-up voltage: 0.8V at full load
• MCP1643 PWM switching frequency: 1 MHz
• RGB multiplexing frequency: 70 Hz
• Fixed output current for all colors: 350 mA
• Start/Stop functions with push buttons
• Demonstration program
1.6
WHAT THE MCP1643 RGB LED DRIVER DEMONSTRATION BOARD KIT
INCLUDES
The MCP1643 RGB LED Driver Demonstration Board Kit includes the following items:
• MCP1643 RGB LED Driver Demonstration Board (ADM00612)
• Important Information Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com