Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1650
Description  MCP1650 SEPIC DEMO BOARD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1650_05 Datasheet HTML 14Page - Microchip Technology MCP1650_05 Datasheet HTML 15Page - Microchip Technology MCP1650_05 Datasheet HTML 16Page - Microchip Technology MCP1650_05 Datasheet HTML 17Page - Microchip Technology MCP1650_05 Datasheet HTML 18Page - Microchip Technology MCP1650_05 Datasheet HTML 19Page - Microchip Technology MCP1650_05 Datasheet HTML 20Page - Microchip Technology MCP1650_05 Datasheet HTML 21Page - Microchip Technology MCP1650_05 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MCP1650 SEPIC DEMO BOARD
USER’S GUIDE
© 2005 Microchip Technology Inc.
DS51581A-page 17
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM)
Qty.
Reference
Description
Mfgr.
Part Number
3
C1, C3, C4
4.7
μF, X5R Ceramic, 16V, 0805
Panasonic®
ECJ-2FB1C475K
1C2
2.2
μF, X5R Ceramic, 16V, 0805
Panasonic
ECJ-2FB1C225K
1L1
3.3
μH, Dual Inductor
Coiltronics®
DRQ73-3R3
1
D1
Schottky Diode, 30V, Dual
Philips Electronics
BAT54C
1
D2
Schottky Diode, 20V
Panasonic
MA2ZD1800L
1
Q1
N-Channel 20V 4.2A MOSFET
International Rectifier
IRLML2502
1R5
10 K
Ω, 1/10W, 1%, 0603
Rohm
MCR03EZPJ103
1R1
27.4 K
Ω, 1/10W, 1%, 0603
Rohm
MCR03EZPFX2742
1R4
30.9 K
Ω, 1/10W, 1%, 0603
Rohm
MCR03EZPFX3092
1R2
100 K
Ω, 1/10W, 1%, 0603
Rohm
MCR03EZPFX1003
1R3
499 K
Ω, 1/10W, 1%, 0603
Rohm
MCR03EZPFX4993
5
TP1,TP2, TP3, TP4,
TP5
Test Point
Keystone Electronics®
5016
1
U1
750 kHz, Boost Controller, MSOP
Microchip Technology Inc. MCP1650R-E/MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com