Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5517EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LT5517EUF
Description  40MHz to 900MHz Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517EUF Datasheet(HTML) 2 Page - Linear Technology

  LT5517EUF Datasheet HTML 1Page - Linear Technology LT5517EUF Datasheet HTML 2Page - Linear Technology LT5517EUF Datasheet HTML 3Page - Linear Technology LT5517EUF Datasheet HTML 4Page - Linear Technology LT5517EUF Datasheet HTML 5Page - Linear Technology LT5517EUF Datasheet HTML 6Page - Linear Technology LT5517EUF Datasheet HTML 7Page - Linear Technology LT5517EUF Datasheet HTML 8Page - Linear Technology LT5517EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5517
2
5517f
Power Supply Voltage ............................................ 5.5V
Enable Voltage .................................................... 0V, VCC
2XLO Voltage (10dBm Equivalent) ..........................
±1V
RF+ to RF– Differential Voltage
(10dBm Equivalent) .................................................
±2V
Operating Ambient Temperature ..............–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Maximum Junction Temperature .......................... 125
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT5517EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TA = 25°C. VCC = 5V, EN = VCC, fRF1 = 799.9MHz, fRF2 = 800.1MHz,
f2XLO = 1602MHz, P2XLO = –10dBm, unless otherwise noted. (Notes 2, 3) (Test circuit shown in Figure 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
40 to 900
MHz
2XLO Frequency Range
80 to 1800
MHz
2XLO Power
–15 to 0
dBm
2XLO Port Return Loss
Internally Matched to a 50
Ω Source
20
dB
Conversion Gain
Voltage Gain, Load Impedance = 1k
Ω
0
3.3
dB
Gain Variation vs Temperature
–40
°C to 85°C
0.01
dB/
°C
Noise Figure
12.4
dB
Input 3rd Order Intercept
2-Tone, –10dBm/Tone,
∆f = 200kHz
21
dBm
Input 2nd Order Intercept
2-Tone, –10dBm/Tone,
∆f = 200kHz
58
dBm
Input 1dB Compression
10
dBm
Baseband Bandwidth
130
MHz
I/Q Gain Mismatch
(Note 4)
–0.3
0.03
0.3
dB
I/Q Phase Mismatch
(Note 4)
–3.5
0.7
3.5
deg
Output Impedance
Differential
120
Ω
2XLO to RF Leakage
–69
dBm
LO to RF Leakage
–80
dBm
RF to 2XLO Isolation
63
dB
AC ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 37°C/W
UF PART
MARKING
5517
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
EXPOSED PAD (PIN 17) IS GND,
MUST BE SOLDERED TO PCB
9
10
11
12
4
3
2
1
GNDRF
RF+
RF
–
GNDRF
VCC
GND
2XLO
GND
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com