Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC817 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TPC817
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC817 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TPC817 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPC817 SERIES
Taiwan Semiconductor
4
Version:C1612
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig. 1 Forward Current vs.
Ambient Temperature
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.3 Collector-Emitter Saturation Voltage vs
Forward Current
Fig.4 Forward Current vs.
Forward Voltage
0
10
20
30
40
50
60
-30 -15 0
15 30 45 60 75 90 105 120 135
0
50
100
150
200
-30 -15 0
15 30 45 60 75 90 105 120 135
0
1
2
3
4
5
6
0
5
10
15
I
C=0.5mA
1mA
3mA
5mA
7mA
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
-25°C
0°C
25°C
50°C
75°C
Ambient Temperature, Ta (°C)
Forward Current IF(mA)
Forward Voltage VF (V)
Ambient Temperature, Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com