Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM402 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # SPM402
Description  Piezoresistive Silicon Pressure Sensor for medium pressure ranges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM402 Datasheet(HTML) 2 Page - All Sensors Corporation

  SPM402 Datasheet HTML 1Page - All Sensors Corporation SPM402 Datasheet HTML 2Page - All Sensors Corporation SPM402 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM-402
Stainless steel pressure sensor
Specifications
DS-0344 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Thermal errors
min.
typ.
max.
TC Offset
[% FS0/10K]
-0.7
-0.1
0.7
TC Span
[% FS0/10K]
- 2.4
-1.9
-1.6
TC resistance
[%/10K]
2.4
2.75
3.3
All parameteres are measured in the temperature range of 0 to 70 °C (32 to 158 °F)
Operating temperature ranges
Media
-40 to 125 °C
(-40 to 257 °F)
Storage
-40 to 125 °C
(-40 to 257 °F)
Mecanical stability
Vibration
10 g RMS (20 to 2000 Hz)
Schock
100 g / 11 ms
Electrical conditions
Standard
4 solder pads ppitch 2.54
Materials
Housing
Stainless steel 316L (1.4404)
Diaphragm
Stainless steel 316L (1.4435)
Media wetted parts
Housing, diaphragm
Miscellaneous
Installation position
any
3)
Protection class
IP 00
Weight
Standard: approx. 10 g
Sealing
O-Ring 15.5 x 1.5 (material: FKM)
Wiring diagram
Dimensions (in mm)
Standard
3)
The sensors are calibrated with the face down diaphragm. By changing the mounting position the offset can shift a little for pressure ranges pn
≤15 psi.
Signal
−
Supply
−
Supply +
Signal +
V
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com