Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-3403JS Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTS-3403JS
Description  LED Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-3403JS Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTS-3403JS Datasheet HTML 1Page - Lite-On Technology Corporation LTS-3403JS Datasheet HTML 2Page - Lite-On Technology Corporation LTS-3403JS Datasheet HTML 3Page - Lite-On Technology Corporation LTS-3403JS Datasheet HTML 4Page - Lite-On Technology Corporation LTS-3403JS Datasheet HTML 5Page - Lite-On Technology Corporation LTS-3403JS Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTS-3403JS
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.8 inch (20.32 mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTS-3403JS is a 0.8 inch (20.32 mm) height digit display. The
device utilizes AlInGaP yellow LED chips which are made from
AlInGaP on a non-transparent GaAs substrate, and have light gray face
and white segment color.
This low current seven-segment display is designed to perform under
low power consumption. It is tested and selected for it’s excellent low
current characteristics. It can be driven in low current condition and the
segments are matched. This driving current as low as 1mA per segment
is applicable.
DEVICE
PART NO.
DESCRIPTION
AlInGaP
YELLOW
Common
Cathode
Rt. & Lt. Hand Decimal
LTS-3403JS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com