Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD3235VF Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SLD3235VF
Description  Violet Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD3235VF Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SLD3235VF Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD3235VF Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD3235VF Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
SLD3235VF
• Violet Laser Diode
• 405 nm, 100 mW
• 5.6mm TO-Can, Flat Window
• Integrated Photodiode
Maximum Rating*
1
(TCASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Optical Output Power, cw
PO
100
mW
LD Reverse Voltage
VRD
2.0
V
PD Reverse Voltage
VRPD
5.5
V
Operating Temperature*
TOPR
- 10
+ 80
°C
Storage Temperature*
TSTG
- 40
+ 85
°C
Soldering Temperature (max. 3s)
TSOL
+ 260
°C
*
1
operating close to or outside these conditions may damage the device
Electro-Optical Characteristics (T
CASE = 25°C, PO = 100 mW)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λP
400
405
410
nm
Operating Voltage
VF
5.0
V
Threshold Current
Ith
40
mA
Operating Current
IF
140
mA
PD Current
IPD
0.6
mA
Slope Efficiency
η
1.2
W/A
Beam Divergence
(FWHM)
parallel
ӨII
7
9
12
deg.
perpendicular
Ө┴
15
19
23
deg.
Emission Point Accuracy
parallel
∆ӨII
- 2.0
2.0
deg.
perpendicular
∆Ө┴
- 2.5
2.5
deg.
Description
SLD3235VF is a violet laser diode, typically emitting at 405 nm, at a rated output power of 100 mW. SLD3235VF comes in 5.6
mm TO-Can package with integrated PD.
18.10.17


Similar Part No. - SLD3235VF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD3232VF SONY-SLD3232VF Datasheet
136Kb / 2P
Laser Diode
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
Violet Laser Diode
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323V-1 SONY-SLD323V-1 Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
More results

Similar Description - SLD3235VF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDHV310APB ETC1-NDHV310APB Datasheet
324Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4313 NICHIA-NDV4313 Datasheet
171Kb / 3P
Violet Laser Diode
NDV4316E NICHIA-NDV4316E Datasheet
396Kb / 3P
Violet Laser Diode
NDV4916E NICHIA-NDV4916E Datasheet
373Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
RLV4212 ROITHNER-RLV4212 Datasheet
178Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4B16-E NICHIA-NDV4B16-E Datasheet
201Kb / 3P
Violet Laser Diode
NDV4916E-E NICHIA-NDV4916E-E Datasheet
201Kb / 3P
Violet Laser Diode
logo
Roithner LaserTechnik G...
LD-450-80MG ROITHNER-LD-450-80MG Datasheet
354Kb / 3P
Violet Laser Diode
RLT405200MGS ROITHNER-RLT405200MGS Datasheet
439Kb / 3P
Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916 NICHIA-NDV4916 Datasheet
167Kb / 3P
Violet Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com