Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2409 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2409
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2409 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2409 Datasheet HTML 1Page - Toshiba Semiconductor RN2409 Datasheet HTML 2Page - Toshiba Semiconductor RN2409 Datasheet HTML 3Page - Toshiba Semiconductor RN2409 Datasheet HTML 4Page - Toshiba Semiconductor RN2409 Datasheet HTML 5Page - Toshiba Semiconductor RN2409 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN2407~RN2409
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
―
VCB = −50V, IE = 0
―
―
−0.1
Collector cut-off
current
RN2407~RN2409
ICEO
―
VCE = −50V, IB = 0
―
―
−0.5
nA
RN2407
―
VEB = −6V, IC = 0
−0.081
―
−0.15
RN2408
―
VEB = −7V, IC = 0
−0.078
―
−0.145
Emitter cut-off
current
RN2409
IEBO
―
VEB = −15V, IC = 0
−0.167
―
−0.311
mA
RN2407
―
80
―
―
RN2408
―
80
―
―
DC current gain
RN2409
hFE
―
VCE = −5V, IC = −10mA
70
―
―
―
Collector-emitter
saturation voltage
RN2407~RN2409
VCE (sat)
―
IC = −5mA, IB = −0.25mA
―
−0.1
−0.3
V
RN2407
―
−0.7
―
−1.8
RN2408
―
−1.0
―
−2.6
Input voltage (ON)
RN2409
VI (ON)
―
VCE = −0.2V, IC = −5mA
−2.2
―
−5.8
V
RN2407
―
−0.5
―
−1.0
RN2408
―
−0.6
―
−1.16
Input voltage (OFF)
RN2409
VI (OFF)
―
VCE = −5V, IC = −0.1mA
−1.5
―
−2.6
V
Translation
frequency
RN2407~RN2409
fT
―
VCE = −10V, IC = −5mA
―
200
―
MHz
Collector output
capacitance
RN2407~RN2409
Cob
―
VCB = −10V, IE = 0,
f = 1MHz
―
3
6
pF
RN2407
―
7
10
13
RN2408
―
15.4
22
28.6
Input resistor
RN2409
R1
―
―
32.9
47
61.1
kΩ
RN2407
―
0.191
0.213
0.232
RN2408
―
0.421
0.468
0.515
Resistor ratio
RN2409
R1/R2
―
―
1.92
2.14
2.35
―



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com