Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM085P03CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM085P03CS
Description  P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM085P03CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM085P03CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM085P03CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM085P03CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM085P03CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM085P03CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM085P03CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM085P03CS
Taiwan Semiconductor
1
Version: A1703
P-Channel Power MOSFET
-30V, -34A, 8.5m
Ω
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Low gate charge for fast power switching
● 100% UIS and R
g tested
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC-DC Converters
● Battery Power Management
● Load Switch
● BLDC Motor Drives
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
-30
V
RDS(on) (max)
VGS = -10V
8.5
m
Ω
VGS = -4.5V
14
Qg
28
nC
SOP-8
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
-34
A
TA = 25°C
-13
Pulsed Drain Current
IDM
-136
A
Single Pulse Avalanche Current
(Note 2)
IAS
-23
A
Single Pulse Avalanche Energy
(Note 2)
EAS
79
mJ
Total Power Dissipation
TC = 25°C
PD
14
W
TC = 125°C
2.8
Total Power Dissipation
TA = 25°C
PD
2.2
W
TA = 125°C
0.4
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
9
°C/W
Junction to Ambient Thermal Resistance
RӨJA
57
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design.


Similar Part No. - TSM085P03CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
Low gate charge for fast power switching
More results

Similar Description - TSM085P03CS

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com