Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113WU2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2113WU2
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113WU2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2113WU2 Datasheet HTML 1Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 2Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 3Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 4Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 5Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 6Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 7Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 8Page - NXP Semiconductors PCF2113WU2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
2001 Dec 19
3
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
1
FEATURES
• Single-chip LCD controller/driver
• 2-line display of up to 12 characters + 120 icons, or
1-line display of up to 24 characters + 120 icons
• 5 × 7 character format plus cursor; 5 × 8 for kana
(Japanese) and user defined symbols
• Icon mode: reduced current consumption while
displaying
• Icon blink function
• On-chip:
– Configurable 4, 3 or 2 voltage multiplier generating
LCD supply voltage, independent of VDD,
programmable by instruction (external supply also
possible)
– Temperature compensation of on-chip generated
VLCD: −0.16 to −0.24 %/K (programmable by
instruction)
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible).
• Display data RAM: 80 characters
• Character generator ROM: 240, 5 × 8 characters
• Character generator RAM: 16, 5 × 8 characters;
3 characters used to drive 120 icons, 6 characters used
if icon blink feature is used in application
• 4 or 8-bit parallel bus and 2-wire I2C-bus interface
• CMOS compatible
• 18 row and 60 column outputs
• Multiplex rates 1 : 18 (for normal operation), 1 : 9 (for
single line operation) and 1 : 2 (for icon only mode)
• Uses common 11 code instruction set (extended)
• Logic supply voltage range VDD1 − VSS1 = 1.8 to 5.5 V
(chip may be driven with two battery cells)
• VLCD generator supply voltage range
VDD2 − VSS2 = 2.2 to 4.0 V
• Display supply voltage range VLCD − VSS2 = 2.2 to 6.5 V
• Direct mode to save current consumption for icon mode
and Mux 1 : 9 (depending on VDD2 value and LCD liquid
properties)
• Very low current consumption (20 to 200 µA):
– Icon mode: <25
µA
– Power-down mode: <2
µA.
1.1
Note
Icon mode is used to save current. When only icons are
displayed, a much lower operating voltage VLCD can be
used and the switching frequency of the LCD outputs is
reduced. In most applications it is possible to use VDD as
VLCD.
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point-of-sale terminals.
3
GENERAL DESCRIPTION
The PCF2113x is a low power CMOS LCD controller and
driver, designed to drive a dot matrix LCD display of 2-line
by 12 or 1-line by 24 characters with 5
× 8 dot format.
All necessary functions for the display are provided in a
single chip, including on-chip generation of LCD bias
voltages, resulting in a minimum of external components
and lower system current consumption. The PCF2113x
interfaces to most microcontrollers via a 4 or 8-bit bus or
via the 2-wire I2C-bus. The chip contains a character
generator and displays alphanumeric and kana
(Japanese) characters. The letter ‘x’ in PCF2113x
characterizes the built-in character set. Various character
sets can be manufactured on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com