Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCL Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPCL
Description  EMC Cmmon Mode Flitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPCL Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPCL Datasheet HTML 1Page - Toppower Electronic Technology Limited TPCL Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TPCL/TA series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page1/2
DESCRIPTION:
TPCL/Ta series is applies to the analog circuit is more sensitive to noise and EMC . After adding a
Cmmon Mode Flitter on the input terminal , can substantially reduce the port noise and it can
substantially improve the EMS performance.
EMC Cmmon Mode Flitter
All specifications typical at TA=25
°C, nominal input voltage and rated output current unless otherwise specified.
MECHANICAL DIMENSIONS1
FEATURES
Good temperature characteristic
Miniature styles
Meet UL508 isolation require
Suitable for analog circuits
RoHS compliant
/
SELECTION GUIDE
Part Number
Inductance
(μH)(typ)
Current (A)(max)
DCR(m
Ω)(max)
Weight(g)
(typ.)
Size(L*W*H)
TPCL/TA--0.5-10000
10000*2
0.5
500*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--0.5-15000
15000*2
0.5
600*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--0.5-22000
22000*2
0.5
650*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--1.0-1000
1000*2
1.0
70*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--1.0-2200
2200*2
1.0
90*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--1.0-3300
3300*2
1.0
100*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--1.0-4700
4700*2
1.0
140*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--3.0-1000
1000*2
3.0
40*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--3.0-2200
2200*2
3.0
50*2
4.5
Refer to mechanical dimensions 1
TPCL/TA--3.0-4700
4700*2
3.0
70**2
4.5
Refer to mechanical dimensions 1
TPCL/TA--1.0-6800
6800*2
1.0
160*2
6.5
Refer to mechanical dimensions 2
TPCL/TA--1.0-8200
8200*2
1.0
180*2
6.5
Refer to mechanical dimensions 2
NOTES
1、 the maximum temperature can not exceed the specified value While operating
2、 the maximum working environment temperature is variable, cooling conditions and the actual use of power changes will affect the maximum working temperature.
3、 This series products is high-power density, more heat dissipation & cooling area limited, it is recommended to use auxiliary cooling measures (plus radiators, metal
equipment attached to the wall, etc.) to ensure that the substrate temperature does not exceed the specified value while full load operating under high temperaturer
envirnment.


Similar Part No. - TPCL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCL4201 TOSHIBA-TPCL4201 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCL4202 TOSHIBA-TPCL4202 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCL4203 TOSHIBA-TPCL4203 Datasheet
379Kb / 12P
Dedicated to Single-Cell Lithium-Ion Secondary Battery Applications
TPCL4203 TOSHIBA-TPCL4203 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
TECH PUBLIC Electronics...
TPCLAMP1011P TECHPUBLIC-TPCLAMP1011P Datasheet
1Mb / 4P
Surge Protection for USB Interfaces VBUS
More results

Similar Description - TPCL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFN0818 SUMIDA-PFN0818 Datasheet
134Kb / 1P
EMC MORMAL MODE CHOKE COIL
CPFC85 SUMIDA-CPFC85 Datasheet
137Kb / 1P
EMC Common Mode Choke& xDSL CO Transformer
logo
EPCOS
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
EMC filters
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
EMC filters
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
EMC Filter
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
EMC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com