Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL1401CS
Description  128 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1401CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL1401CS Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TSL1401CS
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS036A - AUGUST 2003
1
The
LUMENOLOGY
r Company
r
r
Copyright
E 2003, TAOS Inc.
www.taosinc.com
D 128 × 1 Sensor-Element Organization
D 400 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 4000:1 (72 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 8 MHz
D Single 3-V to 5-V Supply
D Rail-to-Rail Output Swing (AO)
D No External Load Resistor Required
Description
The TSL1401CS linear sensor array consists of a
128
× 1 array of photodiodes, associated charge
amplifier circuitry, and a pixel data-hold function
that provides simultaneous-integration start and
stop times for all pixels. The pixels measure 63.5
µm (H) by 55.5 µm (W) with 63.5-µm center-to-
center spacing and 8-
µm spacing between pixels.
Operation is simplified by internal control logic that
requires only a serial-input (SI) signal and a clock.
Functional Block Diagram
1
3
SI
CLK
128-Bit Shift Register
Q128
Switch Control Logic
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
128
Pixel
3
Sample/
Output
Analog
Bus
Q3
Q2
Q1
Hold
2
SO
7
Output
Buffer
Gain
Trim
VDD
AO
GND
4, 5
8
6
r
r
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
HOLD 2
GND 4
AO 6
VDD 8
(TOP VIEW)
1 SI
3 CLK
5 GND
7 SO


Similar Part No. - TSL1401CS

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS-LF AMSCO-TSL1401CS-LF Datasheet
686Kb / 19P
128X1 LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSL1401CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL202R ETC-TSL202R Datasheet
122Kb / 9P
128 *1 LINEAR SENSOR ARRAY
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSLW1401R TAOS-TSLW1401R Datasheet
125Kb / 10P
EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1401 TI1-TSL1401 Datasheet
142Kb / 8P
128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL202R AMSCO-TSL202R Datasheet
613Kb / 13P
128  1 LINEAR SENSOR ARRAY
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com