Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW60R080CFD Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Part # TPW60R080CFD
Description  600V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW60R080CFD Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPW60R080CFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW60R080CFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPV60R080CFD, TPW60R080CFD
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
FEATURES
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
 RoHS compliant
 Fast Body Diode
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TPV60R080CFD
TO-3PN
60R080CFD
TPW60R080CFD
TO-247
60R080CFD
Absolute Maximum Ratings T
C = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (V
GS = 0V)
V
DSS
600
V
Continuous Drain Current
I
D
47
A
Pulsed Drain Current
(note1)
I
DM
141
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
1120
mJ
Avalanche Current
(note1)
I
AR
15
A
Repetitive Avalanche Energy
(note1)
E
AR
1.76
mJ
Power Dissipation (T
C = 25ºC)
P
D
390
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
R
thJC
0.32
K/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62
600V Super-Junction Power MOSFET
1


Similar Part No. - TPW60R080CFD

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
600V Super-Junction Power MOSFET
More results

Similar Description - TPW60R080CFD

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
600V N-Channel Super Junction MOSFET
logo
Chip Integration Techno...
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
600V Super Junction Power MOSFET
MJU07N60CT CITC-MJU07N60CT Datasheet
302Kb / 7P
600V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD60R700C WUMC-TPD60R700C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPD65R350C WUMC-TPD65R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
600V Super-Junction Power MOSFET
TPA60R150C WUMC-TPA60R150C Datasheet
1Mb / 10P
600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
600V Super-Junction Power MOSFET
logo
Pan Jit International I...
PJD60R620E PANJIT-PJD60R620E Datasheet
1Mb / 8P
600V N-Channel Super Junction MOSFET
February 1,2018-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com