Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4530 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4530
Description  SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4530 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4530 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4530 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4530 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 18 GHz
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Hermetically Sealed
• IP67 Rated
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4530 SMA female bulkhead hermetically sealed connector with solder attachment stub terminal (.250 inch
diameter) is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up
to a maximum frequency of 18 GHz. This SMA bulkhead connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications. The connector has an
IP67 rating to protect against dust and temporary moisture protection under immersion conditions.
Our SMA female bulkhead connector PE4530 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
.
Mechanical Specifications
Size
Length
0.69 in [17.53 mm]
Width/Dia.
0.437 in [11.10 mm]
.
Weight
0.008 lbs [3.63 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Termi-
nal, .250 inch Diameter, Front Mount IP67 Rated PE4530
PE4530 REV 1.3
SMA Female Bulkhead Mount Hermetically Sealed
Connector Solder Attachment Stub Terminal,
.250 inch Diameter, Front Mount IP67 Rated
RF Connectors Technical Data Sheet
PE4530


Similar Part No. - PE4530

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45302 PASTERNACK-PE45302 Datasheet
394Kb / 4P
4.3-10 Male Right Angle Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45303 PASTERNACK-PE45303 Datasheet
390Kb / 4P
4.3-10 Male Right Angle Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-PESR402FL, PE-SR402FLJ, IP67 Rated
More results

Similar Description - PE4530

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PE4305 PASTERNACK-PE4305 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4481 PASTERNACK-PE4481_16 Datasheet
345Kb / 3P
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4495 PASTERNACK-PE4495_16 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4528 PASTERNACK-PE4528_17 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4531 PASTERNACK-PE4531_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4540 PASTERNACK-PE4540_16 Datasheet
323Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com