Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801 Datasheet(HTML) 4 Page - Texas Instruments

  CDCF5801 Datasheet HTML 1Page - Texas Instruments CDCF5801 Datasheet HTML 2Page - Texas Instruments CDCF5801 Datasheet HTML 3Page - Texas Instruments CDCF5801 Datasheet HTML 4Page - Texas Instruments CDCF5801 Datasheet HTML 5Page - Texas Instruments CDCF5801 Datasheet HTML 6Page - Texas Instruments CDCF5801 Datasheet HTML 7Page - Texas Instruments CDCF5801 Datasheet HTML 8Page - Texas Instruments CDCF5801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
CDCF5801
SCAS698D – SEPTEMBER 2003 – REVISED DECEMBER 2004
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CLKOUT
2018
O
Output CLK signal (low-noise CMOS) Complementary output CLK signal (low-noise CMOS)
CLKOUTB
DLYCTRL
7
I
Every rising edge on this pin delays/advances the CLKOUT/CLKOUTB signal by 1/768th of the
CLKOUT/CLKOUTB period (1.3 mUI). (E.g., for a 90-degree delay or advancement one needs to
provide 192 rising edges). See Table 3.
GND
5
GND for VDDREF and VDDPD
GNDO
17, 21
GND for the output pins (CLKOUT, CLKOUTB)
GNDP
4
GND for the PLL
GNDPA
8
GND for phase aligner, digital logic, and inputs P[0:2], MULT[0:1], STOPB, PWRDNB
LEADLAG
6
I
Controls whether the output CLK is delayed or advanced relative to REFCLK. See Table 3.
MULT0
15
I
PLL multiplication factor select. See Table 1.
MULT1
14
MULT[0:1] = 10:
×16
MULT[0:1] = 11:
×8
MULT[0:1] = 00:
×4
MULT[0:1] = 01:
×2
NC
19
Not connected; leave pin floating or tied to GND.
P0
24
I
Mode control pins (see Table 1)
0 - Normal operation
1 - High-Z outputs and other special settings
P1
23
I
Post divider control (see Table 1)
P[1:2] = 11: div2
P[1:2] = 10: div4
P2
13
P[1:2] = 01: div8
PWRDNB
12
I
Active-low power-down state. CLKOUT/CLKOUTB goes low, See Table 2).
0 - IC in power down
1 - Normal operation
REFCLK
2
I
Reference input clock
STOPB
11
I
Active low output disabler, PLL and PA still running, CLKOUT and CLKOUTB goes to a dc value as
listed in Table 2.
0 - Outputs disabled
1 - Normal operation
VDDO
16, 22
VDD for the output pin (CLKOUT, CLKOUTB) and power down circuit
VDDP
3
VDD for PLL and input buffer
VDDPA
9
VDD for phase aligner, digital logic, and inputs P[0:2], MULT[0:1], and STOPB
VDDPD
10
Reference voltage for inputs LEADLAG and DLYCTRL
VDDREF
1
Reference voltage for REFCLK
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com