Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF5801DBQ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801DBQ
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801DBQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCF5801DBQ Datasheet HTML 6Page - Texas Instruments CDCF5801DBQ Datasheet HTML 7Page - Texas Instruments CDCF5801DBQ Datasheet HTML 8Page - Texas Instruments CDCF5801DBQ Datasheet HTML 9Page - Texas Instruments CDCF5801DBQ Datasheet HTML 10Page - Texas Instruments CDCF5801DBQ Datasheet HTML 11Page - Texas Instruments CDCF5801DBQ Datasheet HTML 12Page - Texas Instruments CDCF5801DBQ Datasheet HTML 13Page - Texas Instruments CDCF5801DBQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TESTING CONDITIONS
CLKOUT
10 pF
50
Ω
50
Ω
CLKOUTB
VCM
CLKOUT
CLKOUTB
tCYCLE(i)
Cycle-to-Cycle Jitter (t(jitter)) = | tCYCLE(i) - tCYCLE(i+1) | over 1000 consecutive cycles
tCYCLE(i+1)
CDCF5801
SCAS698D – SEPTEMBER 2003 – REVISED DECEMBER 2004
STATE TRANSITION LATENCY SPECIFICATIONS (continued)
TEST
PARAMETER
FROM
TO
MIN
TYP
MAX
UNIT
CONDITION
Delay time, power up to CLKOUT
3
output settled
t(VDDpowerup)
VDD
Normal
See Figure 6
ms
Delay time, power up to internal PLL
3
and clock are on and settled
MULT0 and MULT1 change to
t(MULT)
Normal
Normal
See Figure 7
1
ms
CLKOUT output resettled
STOPB
↑ to CLKOUT glitch-free clock
t(CLKON)
CLK stop
Normal
See Figure 8
10
ns
edges
STOPB
↑ to CLKOUT output settled to
t(CLKSETL)
within 50 ps of the phase before
CLK stop
Normal
See Figure 8
20
cycles
STOPB was disabled
t(CLKOFF)
STOPB
↓ to CLKOUT output disabled
Normal
CLK stop
See Figure 8
5
ns
Delay time, PWRDNB
↓ to the device in
t(powerdown)
Normal
Power down
See Figure 6
1
ms
the power-down mode
Maximum time in CLKSTOP (STOPB =
t(STOP)
0) before reentering normal mode
STOPB
Normal
See Figure 8
100
µs
(STOPB = 1)
Minimum time in normal mode (STOPB
t(ON)
= 1) before reentering CLKSTOP
Normal
CLK stop
See Figure 8
100
ms
(STOPB = 0)
Figure 1. Test Load and Voltage Definitions VOH, VOL, VO(STOP)
Figure 2. Cycle-to-Cycle Jitter
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com