Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30V-R080960 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS30V-R080960
Description  SS Coils, SS30V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS30V-R080960 Datasheet(HTML) 3 Page - Kemet Corporation

  SS30V-R080960 Datasheet HTML 1Page - Kemet Corporation SS30V-R080960 Datasheet HTML 2Page - Kemet Corporation SS30V-R080960 Datasheet HTML 3Page - Kemet Corporation SS30V-R080960 Datasheet HTML 4Page - Kemet Corporation SS30V-R080960 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0033_SS30V • 3/30/2017
AC Line Filters – SS Coils, SS30V Type
Table 1 – Ratings & Part Number Reference
Specifications
Item
SS30V
Rated Voltage
250 VAC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
−25°CtoT(T=120–temperaturerise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS30V-080730
0.8
73
1.5
50
08 Lot No.
35.1
SS30V-100530
1.0
53
1.1
50
10 Lot No.
36.8
SS30V-120290
1.2
29
0.6
45
12 Lot No.
35.0
SS30V-150200
1.5
20
0.5
45
15 Lot No.
35.3
SS30V-180145
1.8
14.5
0.23
50
18 Lot No.
35.2
SS30V-200100
2.0
10
0.21
45
20 Lot No.
34.9
SS30V-250070
2.5
7.0
0.16
45
25 Lot No.
34.1
SS30V-300054
3.0
5.4
0.12
45
30 Lot No.
34.6
SS30V-350036
3.5
3.6
0.10
50
35 Lot No.
30.6
SS30V-400021
4.0
2.1
0.07
50
40 Lot No.
29.0
SS30V-450013
4.5
1.3
0.06
50
45 Lot No.
26.1
SS30V-R080960
0.8
96
1.5
50
R08 Lot No.
35.1
SS30V-R100700
1.0
70
1.1
50
R10 Lot No.
36.8
SS30V-R120380
1.2
38
0.6
45
R12 Lot No.
35.0
SS30V-R150270
1.5
27
0.5
45
R15 Lot No.
35.3
SS30V-R180190
1.8
19
0.23
50
R18 Lot No.
35.2
SS30V-R200132
2.0
13.2
0.21
45
R20 Lot No.
34.9
SS30V-R250092
2.5
9.2
0.16
45
R25 Lot No.
34.1
SS30V-R300071
3.0
7.1
0.12
45
R30 Lot No.
34.6
SS30V-R350047
3.5
4.7
0.10
50
R35 Lot No.
30.6
SS30V-R400028
4.0
2.8
0.07
50
R40 Lot No.
29.0
SS30V-R450017
4.5
1.7
0.06
50
R45 Lot No.
26.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com