Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWP7LL32.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWP7LL32.EM
Description  Directional retrofits
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LL32.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWP7LL32.EM Datasheet HTML 1Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 2Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 3Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 4Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 5Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 6Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 7Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 8Page - OSRAM GmbH GWP7LL32.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.0
GW P7LL32.EM
2017-12-07
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 1) page 23
Luminous Flux 1) page 23
Luminous Intensity
5) page 23
Gruppe
Lichtstrom 1) Seite 23
Lichtstrom 1) Seite 23
Lichtstärke 5) Seite 23
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
QF
856
892
278.1
QG
892
931
290.1
QH
931
970
302.51
QJ
970
1006
314.45
QK
1006
1042
325.91
Forward Voltage Groups 2) page 23
Durchlassspannungsgruppen 2) Seite 23
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
TA
15.00
16.00
4A
16.00
17.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com