Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS17HB-R03300 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS17HB-R03300
Description  SS Coils, SS17HB Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17HB-R03300 Datasheet(HTML) 1 Page - Kemet Corporation

  SS17HB-R03300 Datasheet HTML 1Page - Kemet Corporation SS17HB-R03300 Datasheet HTML 2Page - Kemet Corporation SS17HB-R03300 Datasheet HTML 3Page - Kemet Corporation SS17HB-R03300 Datasheet HTML 4Page - Kemet Corporation SS17HB-R03300 Datasheet HTML 5Page - Kemet Corporation SS17HB-R03300 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0025_SS17HB • 3/28/2017
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 30 mH
• Rated Currents up to 1.7 A
• DCResistancesaslowas0.10Ω
Overview
TheKEMETSSCoils,SS17HBTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS17HB Type
AC Line Filters
38
Common mode
bSS17HB
16±0.5
ø0.7±0.1
20max.
10±0.5
17.85max.
Marking
16
Series name
Core size(H shows a horizontal type)
Core type(Nothing shows standard core type, R shows a high-μ core type)
Current rating(03 shows 0.3A)
Inductance(225 shows 22.5mH)
• Rated voltage:250VAC
• Thermal class:E(120℃)
• Withstanding voltage:AC 2400V for 2seconds (between lines)
• Operating temperature range(℃):-25 to T (T=120-temperature rise)
• Inductance measurement condition:1kHz, 1V, KC530 or equivalent
SS17HB-03225
SS17HB-04125
SS17HB-05100
SS17HB-06085
SS17HB-07065
SS17HB-08050
SS17HB-10025
SS17HB-11020
SS17HB-13018
SS17HB-17008
SS17HB-R03300
SS17HB-R04170
SS17HB-R05140
SS17HB-R06120
SS17HB-R07090
SS17HB-R08070
SS17HB-R10035
SS17HB-R11025
SS17HB-R13020
SS17HB-R17010
2.60
1.40
1.10
0.84
0.70
0.45
0.38
0.24
0.18
0.12
2.60
1.40
1.10
0.84
0.70
0.45
0.38
0.24
0.18
0.12
Model
Rated
current
AC(A)
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.3
1.7
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.3
1.7
Wire
diameter
(mm)
0.20
0.23
0.25
0.28
0.30
0.30
0.37
0.37
0.40
0.45
0.20
0.23
0.25
0.28
0.30
0.30
0.37
0.37
0.40
0.45
Temperature
rise(K)
max.
DC resistance
( /line)
max.
22.5
12.5
10.0
8.5
6.5
5.0
2.5
2.0
1.5
0.8
30.0
17.0
14.0
12.0
9.0
7.0
3.5
2.5
2.0
1.0
Inductance
(mH)
min.
5.9
6.5
6.4
6.0
6.0
5.9
6.3
6.3
6.2
6.1
5.9
6.5
6.4
6.0
6.0
5.9
6.3
6.3
6.2
6.1
48
53
55
45
50
58
50
65
55
55
48
53
55
45
50
58
50
65
55
55
Marking
03 Lot No.
04 Lot No.
05 Lot No.
06 Lot No.
07 Lot No.
08 Lot No.
10 Lot No.
11 Lot No.
13 Lot No.
17 Lot No.
R03 Lot No.
R04 Lot No.
R05 Lot No.
R06 Lot No.
R07 Lot No.
R08 Lot No.
R10 Lot No.
R11 Lot No.
R13 Lot No.
R17 Lot No.
Weight
approx.
(g)
Shape and Dimensions
[mm]
Numbering System
SS 17HB -
03 225
�
  �
�
�
�
SS Coils
SS17HB Type
[RoHS Compliant]
SS Coils
SS17HB Type
[RoHS Compliant]
Part Number System
SS
17
HB-
R
13
020
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SS
17 = 17.0
HB- = Horizontal
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 04 = 0.4 A)
xx = x.x A (e.g., 13 = 1.3 A)
00x = 0.x mH (e.g., 008 = 0.8 mH)
0xx = x.x mH (e.g., 020 = 2.0 mH)
xxx = xx.x mH (e.g., 125 = 12.5 mH)
Note: Code 018 = 1.5 mH


Similar Part No. - SS17HB-R03300

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS17H FRONTIER-SS17H Datasheet
127Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS17HB-R03300

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
SS Coils, SS17VA/HA Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
SS Coils, SS11VL High Frequency Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
SS Coils, SS28V/H-CH Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
SS Coils, SS11V/H-CH Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com