Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30V-R450017 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS30V-R450017
Description  SS Coils, SS30V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS30V-R450017 Datasheet(HTML) 1 Page - Kemet Corporation

  SS30V-R450017 Datasheet HTML 1Page - Kemet Corporation SS30V-R450017 Datasheet HTML 2Page - Kemet Corporation SS30V-R450017 Datasheet HTML 3Page - Kemet Corporation SS30V-R450017 Datasheet HTML 4Page - Kemet Corporation SS30V-R450017 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0033_SS30V • 3/30/2017
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• High inductance in a compact design
• Pin pitch is identical to SS35V Type and SS28V Type,
making design and replacement easier
• Inductances up to 96 mH
• Rated Currents up to 4.5 A
• DCResistancesaslowas0.06Ω
Overview
TheKEMETSSCoils,SS30VTypeAClinefiltersareoffered
inawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS30V Type
AC Line Filters
55
Common mode
• Rated voltage:250VAC
• Withstanding voltage: 2400VAC (2sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: E (120˚C) 
• Operating temperature range (˚C): –25 to T (T=120–temperature rise)
• Inductance measurement condition: 1kHz, 1V, KC530
Shape and Dimensions
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Rated
current
AC(A)
[mm]
Weight
approx.
(g)
Marking
Numbering System
Series
Core size ; shupe (V : vertical)
Core Type (no marking stands for standard type)
Rated current (08 stands for 0.8A)
Inductance (0730 stands for 73.0mH)
19.5
N2
N1
bSS30V
bSize comparison with SS35 V-type
19.5±0.5
31.0±1.0
11.0±0.5
ø0.8
22.5±1.0
SS30V-080730
1.5
SS30V-100530
1.1
0.8
1.0
73.0
53.0
35.1
36.8
50
50
SS30V-120290
0.6
1.2
29.0
35.0
45
SS30V-150200
0.5
1.5
20.0
35.3
45
08 LOT No.
10 LOT No.
12 LOT No.
15 LOT No.
SS30V-180145
0.23
1.8
14.5
35.2
50
18 LOT No.
SS30V-200100
0.21
2.0
10.0
34.9
45
20 LOT No.
SS30V-250070
0.16
2.5
7.0
34.1
45
25 LOT No.
SS30V-300054
0.12
3.0
5.4
34.6
45
30 LOT No.
SS30V-350036
0.10
3.5
3.6
30.6
50
35 LOT No.
SS30V-400021
0.07
4.0
2.1
29.0
50
40 LOT No.
SS30V-450013
0.06
1.5
1.1
0.6
0.5
0.23
0.21
0.16
0.12
0.10
0.07
0.06
4.5
0.8
1.0
1.2
1.5
1.8
2.0
2.5
3.0
3.5
4.0
4.5
1.3
26.1
35.1
36.8
35.0
35.3
35.2
34.9
34.1
34.6
30.6
29.0
26.1
50
50
50
45
45
50
45
45
45
50
50
50
45 LOT No.
R08 LOT No.
R10 LOT No.
R12 LOT No.
R15 LOT No.
R18 LOT No.
R20 LOT No.
R25 LOT No.
R30 LOT No.
R35 LOT No.
R40 LOT No.
R45 LOT No.
SS30V-R080960
96.0
SS30V-R100700
70.0
SS30V-R120380
38.0
SS30V-R150270
27.0
SS30V-R180190
19.0
SS30V-R200132
13.2
SS30V-R250092
9.2
SS30V-R300071
7.1
SS30V-R350047
4.7
SS30V-R400028
2.8
SS30V-R450017
1.7
SS 30V-
08 0730
�
�
� �
�
<Features> ・ High inductance yet compact design enables replacement for SS35V-type and SS28V-type
・ Approx. 36% reduced volume and covers approx. 60 to 100% inductance compared with SS35V-type.
・ Approx. only 0.2% volume increase when compared with SS28V-type; however, MAX inductance is approx. 60% increase.
・ Please be advised that the pin pitch is different from SS35V-type and SS28V-type
※The comparison is with same rated current product's standard specification.
(2.5)(2.5)
(1.5)
(1.5)
SS35V
SS35V
SS30V
SS30V
SS Coils
SS30V Type
[RoHS Compliant]
SS Coils
SS30V Type
[RoHS Compliant]
Marking
Part Number System
SS
30
V-
R
08
0960
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SS
30 = 30.0
V- = Vertical
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 08 = 0.8 A)
xx = x.x A (e.g., 25 = 2.5 A)
0xxx = xx mH (e.g., 0960 = 96 mH)
00xx = x.x mH (e.g., 0028 = 2.8 mH)


Similar Part No. - SS30V-R450017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS30V-R450017 KEMET-SS30V-R450017 Datasheet
76Kb / 1P
KEMET, SS30V, AC Line Filters, Common Mode, 1700 uH
More results

Similar Description - SS30V-R450017

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
SS Coils, SS17VA/HA Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
SS Coils, SS11VL High Frequency Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
SS Coils, SS28V/H-CH Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
SS Coils, SS11V/H-CH Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
SS Coils, SS17HB Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com